Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PINLED-6830

  • AI
    The **PINLED-6830** is a specific electronic component typically used in high-frequency sensing, optical communication, and specialized light detection applications. It is a **PIN Photodiode**, which differs from standard diodes by having an intrinsic layer between the P and N layers. --- ### 1. Key Technical Specifications The following table outlines the general electrical and physical characteristics typical for this series: | Parameter | Typical Value | Description | | :--- | :--- | :--- | | **Spectral Range** | 400nm – 1100nm | Detects visible and near-infrared light. | | **Peak Sensitivity** | ~900nm | Optimized for IR applications. | | **Reverse Voltage** | 30V (Max) | Maximum voltage before breakdown. | | **Rise/Fall Time** | < 10ns | Very high-speed switching capability. | | **Dark Current** | < 5nA | Low noise when no light is present. | | **Active Area** | ~7.0 mm² | Large surface area for photon collection. | --- ### 2. Functional Components A PIN photodiode like the 6830 consists of three distinct semiconductor regions: 1. **P-Layer (Anode):** Positively doped top layer. 2. **I-Layer (Intrinsic):** A thick, undoped "intrinsic" semiconductor layer. This increases the depletion width, allowing for lower capacitance and faster response times. 3. **N-Layer (Cathode):** Negatively doped bottom layer. ### 3. Application Use Cases The PINLED-6830 is commonly integrated into circuits for: * **High-Speed Data Transmission:** Fiber optic receivers. * **Industrial Automation:** Light barriers, safety curtains, and object counting. * **Medical Equipment:** Pulse oximetry and heart rate monitoring sensors. * **Remote Controls:** High-fidelity IR signal reception. --- ### 4. Basic Circuit Implementation To use this part, it is typically operated in **Photoconductive Mode** (Reverse Biased) for maximum speed. ```python # Conceptual Electronic Flow # [Power Source (+)] -> [Resistor] -> [PINLED-6830 Cathode] # [PINLED-6830 Anode] -> [Ground (-)] # Output voltage is measured across the resistor. ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Photoconductive and Photovoltaic modes for this diode?
    • ⤷ How does the Intrinsic layer improve the response speed compared to a standard PN diode?
    • ⤷ What is the recommended load resistance for high-speed signal detection?