PIT04012SP-R33M
AI

The **PIT04012SP-R33M** is a high-performance **Surface Mount (SMD) Power Inductor**. These components are specifically designed for high-current power supply circuits where efficiency and space-saving are critical.
### 1. Part Number Breakdown
The nomenclature typically identifies the physical and electrical characteristics of the inductor:
| Component Segment | Description |
| :--- | :--- |
| **PIT** | Series Prefix (Power Inductor, typically Shielded/Molded) |
| **04012** | Package Size (approx. 4.0mm x 4.0mm with 1.2mm height) |
| **SP** | Material/Process code (typically Alloy powder/Molded type) |
| **R33** | Inductance Value (0.33 µH) |
| **M** | Tolerance (M = ±20%) |
---
### 2. Key Technical Specifications
Based on standard industry parameters for this specific part number:
* **Inductance:** 0.33 µH
* **DC Resistance (DCR):** Extremely low, usually measured in milli-ohms ($m\Omega$) to minimize power loss.
* **Saturation Current ($I_{sat}$):** High capacity (typically 8A–15A range depending on manufacturer), meaning the core maintains its magnetic properties even under high load.
* **Operating Temperature:** Generally rated for -40°C to +125°C.
* **Construction:** Metal alloy powder molded around the coil (shielded construction).
---
### 3. Core Features and Benefits
1. **Low Profile:** The "012" in the part number indicates a height of roughly 1.2mm, making it ideal for ultra-thin electronics like smartphones or tablets.
2. **Electromagnetic Shielding:** Because it is a molded power inductor, it has low EMI (Electromagnetic Interference) radiation, preventing it from interfering with nearby sensitive components.
3. **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are exceeded, these alloy inductors have a "soft" saturation curve, providing better stability.
4. **High Frequency:** Optimized for high-frequency DC-DC converters (switching frequencies up to 5MHz).
---
### 4. Common Applications
This part is commonly found in the following circuits:
* **DC-DC Converters:** Used in Buck (step-down) or Boost (step-up) regulators.
* **Mobile Devices:** Power management for CPUs and GPUs in laptops and phones.
* **SSD Storage:** Voltage regulation for high-speed memory controllers.
* **VRMs (Voltage Regulator Modules):** For high-current power distribution on PCBs.
---
- ⤷What is the maximum current rating for the PIT04012SP-R33M?
- ⤷ How does the 'soft saturation' of this inductor compare to ferrite types?
- ⤷ What are the recommended soldering profiles for this SMD component?