PK-R-12
AI

The **PK-R-12** (often associated with high-current terminal blocks, industrial connectors, or specific RF/Radio modules depending on the manufacturer) is most commonly recognized in electronic components as a **Power Distribution Terminal Block** or a **Plug-in Relay Connector** used in industrial automation.
Below is an explanation of the typical electronic parts and specifications associated with this series.
---
### 1. Key Technical Specifications
Most PK-R-12 components are designed for high-voltage and high-current applications.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Rated Voltage** | 250V - 600V AC/DC |
| **Rated Current** | 10A - 30A (Depending on wire gauge) |
| **Mounting Type** | DIN Rail or Panel Mount |
| **Contact Material** | Copper Alloy with Nickel/Tin Plating |
| **Housing Material** | Polyamide (PA66) - Flame Retardant |
| **Operating Temp** | -40°C to +105°C |
---
### 2. Internal Electronic Structure
The "electronic parts" within a PK-R-12 module usually consist of the following:
#### A. Busbar / Conductive Path
The core is a high-conductivity metal strip (usually tinned copper). Its primary job is to carry current from the input to the output with minimal resistance to prevent heat buildup.
#### B. Clamping Mechanism
* **Screw Clamp:** Uses a high-torque screw to press the wire against the busbar.
* **Spring Clamp:** Uses a constant-pressure spring to ensure the wire does not vibrate loose over time.
#### C. Insulation Housing
The outer shell is made of high-grade plastic that provides **Dielectric Strength**, preventing electrical arcing between adjacent circuits or the mounting rail.
---
### 3. Application Use Cases
The PK-R-12 is typically found in:
1. **Control Cabinets:** Linking PLC (Programmable Logic Controller) outputs to field devices.
2. **Power Distribution:** Splitting a single power source into 12 distinct branch circuits.
3. **Relay Interfaces:** Providing a secure physical connection for 12-pin or 12-channel relay modules.
---
### 4. Part Number Breakdown (Generalized)
While naming conventions vary by brand (such as Phoenix Contact or Dinkle), the code usually implies:
* **PK:** Product Series (Power/Plug-in Connector).
* **R:** Rail-mounted or Relay-compatible.
* **12:** Number of positions (poles) or maximum current rating (12 Amps).
---
- ⤷
Is the PK-R-12 you are referring to a specific brand like Phoenix Contact or a generic RF module?
- ⤷ Do you need the pinout diagram for a 12-pin configuration?
- ⤷ What is the specific voltage range of your application?