PKGS-25TA-R
AI

The **PKGS-25TA-R** is a specialized surface-mount shock sensor manufactured by **Murata Electronics**. It belongs to a category of components known as piezoelectric acceleration sensors, primarily used to detect physical impact or vibration in electronic devices.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics of the PKGS-25TA-R:
| Characteristic | Specification |
| :--- | :--- |
| **Type** | Piezoelectric Shock Sensor |
| **Axis of Detection** | Z-axis (Vertical) |
| **Sensitivity** | 0.350 pC/G (typical) |
| **Capacitance** | 380 pF |
| **Resonant Frequency** | 27 kHz |
| **Operating Temperature** | -40°C to +85°C |
| **Package Size** | 3.2 x 2.0 x 1.05 mm (SMD) |
| **Shock Resistance** | Up to 3,000G |
---
### 2. Operating Principle
The device utilizes the **Piezoelectric Effect**. Inside the ceramic package, there is a specialized piezoelectric element. When the device experiences a mechanical shock or vibration:
1. The internal element undergoes minute deformation.
2. This physical stress generates a proportional **electrical charge (output)**.
3. Since it is a passive sensor, it typically requires a high-impedance charge amplifier or a buffer circuit to convert the charge into a measurable voltage for a microcontroller (MCU).
---
### 3. Application Use Cases
The PKGS-25TA-R is designed for "detection" rather than precise measurement. Common applications include:
* **Hard Disk Drives (HDD):** Detecting if a laptop has been dropped to park the read/write heads before impact to prevent data loss.
* **Anti-Theft Devices:** Triggering alarms when a product or vehicle is moved or tampered with.
* **Industrial Equipment:** Monitoring for sudden impacts or mechanical failures in machinery.
* **Consumer Electronics:** Power-saving wake-up functions triggered by tapping or moving the device.
---
### 4. Typical Circuit Integration
To use this sensor effectively, engineers generally follow this signal chain:
```mermaid
graph LR
A[PKGS-25TA-R] --> B[Charge Amplifier]
B --> C[Low Pass Filter]
C --> D[Comparator/ADC]
D --> E[Microcontroller]
```
1. **Charge Amp:** Converts the pico-Coulomb (pC) output to Volts.
2. **Filter:** Removes high-frequency noise from the 27kHz resonance.
3. **MCU:** Processes the signal to determine if a "Shock Event" threshold has been met.
---
- ⤷
What is the difference between this shock sensor and a standard 3-axis accelerometer?
- ⤷ Can you provide a reference schematic for the charge amplifier circuit?
- ⤷ How does temperature affect the sensitivity of the PKGS-25TA-R?