PL123-05HSI-R
AI

## Overview of PL123-05HSI-R
The **PL123-05HSI-R** is a high-performance, low-skew, low-jitter clock buffer/multiplier IC. It is specifically designed to distribute high-frequency clock signals with minimal phase noise, making it ideal for synchronous clock distribution in networking, storage, and communication systems.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Microchip Technology (formerly PhaseLink) |
| **Function** | Zero Delay Buffer / Clock Multiplier |
| **Operating Voltage** | 3.3V (± 10%) |
| **Input Frequency** | 10MHz to 134MHz |
| **Output Frequency** | Up to 134MHz |
| **Outputs** | 5 LVCMOS Outputs |
| **Operating Temp** | Industrial (-40°C to +85°C) |
| **Package Type** | SOP-8 (Standard Small Outline Package) |
---
### Key Internal Components and Features
1. **Phase-Locked Loop (PLL):**
The core of the device is a PLL that synchronizes the output clocks with the input clock. This ensures "Zero Delay" between the input and output clock edges.
2. **Output Enable (OE) Logic:**
Allows the user to enable or disable the clock outputs to save power when the clock signal is not required by the downstream components.
3. **Low Skew Circuitry:**
Designed to ensure that all 5 outputs transition at almost exactly the same time (typically <150ps skew), which is critical for timing-sensitive digital circuits.
4. **Spread Spectrum Compatibility:**
The device is designed to pass through spread-spectrum clock signals without de-spreading them, which helps in reducing Electromagnetic Interference (EMI).
---
### Pin Configuration (SOP-8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | CLKIN | Reference Clock Input |
| 2-3 | CLK[1:2] | Buffered Clock Outputs |
| 4 | GND | Ground Connection |
| 5-6 | CLK[3:4] | Buffered Clock Outputs |
| 7 | VDD | 3.3V Power Supply |
| 8 | CLK0 / FB | Feedback Output (Connects to internal PLL) |
---
### Common Applications
* **SDRAM Timing:** Providing synchronized clocks to multiple memory modules.
* **Network Switches/Routers:** Distributing a single master clock to multiple ASICs or FPGAs.
* **Embedded Systems:** Replacing multiple crystal oscillators with a single source to reduce board space and cost.
- ⤷
How does the 'Zero Delay' feature work in this buffer?
- ⤷ What is the difference between the PL123-05HSI and the non-industrial version?
- ⤷ Can this IC be used for frequency multiplication beyond 1:1?