PL123-09HOC-R
AI

### Technical Overview: PL123-09HOC-R
The **PL123-09HOC-R** is a high-performance, low-skew, low-jitter **Zero Delay Buffer (ZDB)** designed for high-speed clock distribution. It is commonly used in networking, telecommunications, and desktop PC applications.
---
### 1. Key Technical Specifications
Below is a summary of the core electronic characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Zero Delay Buffer / Fan-out Buffer |
| **Number of Outputs** | 9 (1 Reference + 8 Outputs) |
| **Max Frequency** | 134 MHz |
| **Operating Voltage** | 3.3V (±10%) |
| **Input Type** | CMOS / TTL |
| **Output Type** | CMOS |
| **Package Type** | SOIC-16 |
| **Temperature Range** | 0°C to +70°C (Commercial) |
---
### 2. Functional Description
The device uses a **Phase-Locked Loop (PLL)** to synchronize the output clocks with the input reference clock.
* **Zero Delay:** The internal PLL eliminates the propagation delay from the input to the outputs, ensuring phase alignment.
* **Fan-out Capability:** It takes one input clock and provides nine synchronized copies, maintaining signal integrity across multiple components.
* **Spread Spectrum Compatible:** The PL123-09HOC is designed to track spread spectrum input signals without distorting the modulation, which helps in reducing Electromagnetic Interference (EMI).
---
### 3. Pin Configuration (SOIC-16)
The typical pinout distribution for the PL123-09 series includes:
1. **REF:** Reference Clock Input.
2. **CLKOUT (1-8):** Eight buffered clock outputs.
3. **CLKOUT9/FBK:** Feedback output used to close the PLL loop.
4. **VDD / VSS:** Power supply (3.3V) and Ground pins.
5. **S2, S1:** Select inputs to control the device mode (Bank enablement).
---
### 4. Part Number Breakdown
Understanding the suffix codes for this specific part:
* **PL123-09**: The base series number for the 9-output Zero Delay Buffer.
* **H**: Indicates **High Drive** strength (capable of driving larger capacitive loads).
* **O**: Indicates the package code (usually referring to SOIC).
* **C**: Commercial temperature range (0°C to 70°C).
* **-R**: Tape and Reel packaging.
---
### 5. Application Circuit Example
To use this part effectively, bypass capacitors (typically 0.1µF) should be placed near the VDD pins to filter noise.
```text
Input Clock (25MHz) ----> [ REF Pin ]
|
[ PL123-09HOC ]
|
/-------/----/----|----\----\----\-----\
CLK1 CLK2 CLK3 CLK4 CLK5 CLK6 CLK7 CLK8
(To FPGA) (To CPU) (To RAM) ...
```
- ⤷
What is the difference between the 'H' (High Drive) and standard versions of this chip?
- ⤷ How does the feedback loop (FBK pin) affect the zero delay functionality?
- ⤷ Are there automotive-grade equivalents for the PL123-09 series?