Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PL123-09HSI-R

  • AI
    ## Overview of PL123-09HSI-R The **PL123-09HSI-R** is a high-performance, low-skew, low-jitter **Zero Delay Buffer (ZDB)** designed for high-speed clock distribution. It is commonly used in telecommunications, networking, and high-end computing applications to synchronize clock signals across a system. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Microchip Technology (formerly PhaseLink) | | **Function** | Zero Delay Buffer / Fan-out Buffer | | **Number of Outputs** | 9 | | **Frequency Range** | 10 MHz to 134 MHz | | **Output Type** | LVCMOS | | **Operating Voltage** | 3.3V (±10%) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Package Type** | 16-Pin SOIC (Small Outline Integrated Circuit) | | **Packaging** | Tape & Reel (indicated by the "-R" suffix) | --- ### Core Electronic Features #### 1. Zero Delay Mechanism The device utilizes an internal **Phase-Locked Loop (PLL)**. By connecting one of the output pins to the **FBK (Feedback)** pin, the device aligns the rising edge of the input clock with the rising edge of the output clock, effectively eliminating the propagation delay inherent in standard buffers. #### 2. Fan-out Capability It takes a single reference input and provides **nine identical outputs**. This allows a single clock source to drive multiple components (CPUs, FPGAs, ASICs) simultaneously without signal degradation. #### 3. Low Skew and Jitter * **Output-to-Output Skew:** Typically less than 250ps, ensuring all downstream components receive the clock signal at nearly the exact same time. * **Cycle-to-Cycle Jitter:** Optimized to remain below 200ps, which is critical for maintaining data integrity in high-speed serial communication. #### 4. Power Management (Spread Spectrum Compatible) The PL123-09HSI-R is designed to pass **Spread Spectrum** clock signals without filtering out the modulation. This is vital for systems that need to reduce Electromagnetic Interference (EMI). --- ### Pin Configuration (Common 16-Pin SOIC) | Pin Name | Function | | :--- | :--- | | **REF** | Reference Clock Input | | **CLK (1-9)** | Buffered Clock Outputs | | **FBK** | Feedback Input (Connect to one CLK output) | | **VDD / VSS** | Power Supply (3.3V) and Ground | | **S2, S1** | Select Inputs (Controls output bank enable/disable) | --- ### Common Applications * **SDRAM Memory Modules:** Synchronizing data transfers. * **Network Switches/Routers:** Distributing high-speed reference clocks. * **Industrial Automation:** Ensuring precise timing across distributed sensors and controllers. * **PCI-X and Legacy Bus Clocking:** Providing stable timing for expansion cards.
    ✨ Follow-up Questions
    • ⤷ How does the feedback loop (FBK) affect the phase alignment in this specific IC?
    • ⤷ What are the power consumption characteristics of the PL123-09HSI-R at maximum frequency?
    • ⤷ Are there specific layout considerations required to minimize EMI when using this buffer?