PL502-02HSC-R
AI

## Overview of PL502-02HSC-R
The **PL502-02HSC-R** is a high-performance, low-phase noise **VCXO (Voltage Controlled Crystal Oscillator)** IC produced by Microchip Technology (formerly PhaseLink). It is specifically designed to work with high-frequency fundamental crystals to provide a very clean clock output.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Input Frequency** | 12MHz to 25MHz (Fundamental Crystal) |
| **Output Frequency** | Up to 200MHz (Multiplied) |
| **Output Type** | CMOS |
| **Supply Voltage** | 3.3V (±10%) |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **Package Type** | SOP-8 (Standard Outline Package, 8 pins) |
| **Pulling Range** | ±200 ppm (typical) |
---
### Internal Functional Blocks
The device consists of several critical electronic stages that allow it to function as a frequency synthesizer:
1. **Crystal Oscillator Core:** Connects to an external crystal at pins `XIN` and `XOUT`. It is optimized for fundamental mode crystals to minimize jitter.
2. **Voltage Control (VC) Circuit:** A control voltage (typically 0V to 3.3V) applied to the `VIN` pin adjusts the capacitance of internal varactors, slightly "pulling" the frequency of the crystal.
3. **Phase-Locked Loop (PLL):** The core of the "H" (High Frequency) version. It uses a low-noise multiplier to scale the crystal frequency (e.g., 25MHz) up to the desired output frequency (e.g., 100MHz or 200MHz).
4. **Output Buffer:** A high-speed CMOS driver that delivers the final clock signal to the rest of the PCB while maintaining sharp rise/fall times.
---
### Pin Configuration (SOP-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Voltage control input for frequency pulling. |
| 2 | **XIN** | Crystal input connection. |
| 3 | **GND** | Ground connection. |
| 4 | **XOUT** | Crystal output connection. |
| 5 | **NC** | No internal connection. |
| 6 | **CLK** | CMOS Clock output. |
| 7 | **OE** | Output Enable (High = Active; Low = Hi-Z). |
| 8 | **VDD** | Power supply (3.3V). |
---
### Common Applications
* **Networking:** Gigabit Ethernet, SONET/SDH, and Fibre Channel.
* **Video Systems:** High-definition video clocks and Set-Top Boxes.
* **Phase-Locked Loops:** Used as a reference clock for jitter cleaning or frequency translation.
* **Embedded Systems:** Providing high-speed system clocks from inexpensive low-frequency crystals.
---
- ⤷
What is the maximum frequency pulling range of the PL502-02HSC-R in a real-world circuit?
- ⤷ How does the 'H' suffix in the part number distinguish it from the standard PL502 series?
- ⤷ What are the recommended load capacitance values for the external crystal?