PL502-39OC-R
AI

The **PL502-39OC-R** is a high-performance, low-phase noise **Voltage Controlled Crystal Oscillator (VCXO)** IC designed by Microchip Technology (formerly PhaseLink). It is specifically engineered to work with high-frequency fundamental crystals to provide a clean clock signal for networking and communication systems.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the PL502-39OC-R:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | PL502-39OC-R |
| **Type** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) |
| **Frequency Range** | 600kHz to 800MHz (Supports high-freq fundamental) |
| **Operating Voltage** | 2.5V or 3.3V |
| **Package Type** | TSSOP-16 (8-pin equivalent functionality in many variants) |
| **Pulling Range** | ±100 ppm to ±200 ppm (Typical) |
| **Temperature Range** | 0°C to +70°C (Commercial Grade) |
---
### 2. Functional Core Components
The device consists of several critical internal electronic blocks:
1. **Crystal Oscillator Circuit:** Designed to interface with a "High Frequency Fundamental" (HFF) crystal. This minimizes jitter compared to using a standard crystal with a PLL multiplier.
2. **Voltage Control (VC) Input:** An analog input pin that allows the user to adjust (pull) the output frequency by changing the input voltage. This is essential for Phase-Locked Loop (PLL) applications.
3. **LVPECL Output Driver:** Provides a high-speed, differential output signal. LVPECL is preferred in high-speed applications because of its excellent noise immunity and fast transition times.
4. **Phase Noise Reduction:** The internal architecture is optimized for sub-picosecond RMS jitter, making it suitable for 10GbE or Fibre Channel applications.
---
### 3. Pinout Description (Common 16-pin TSSOP)
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VIN** | Voltage Control | Input for frequency tuning. |
| **XIN / XOUT** | Crystal Input | Connection points for the external Quartz crystal. |
| **VDD** | Power Supply | Power input (2.5V or 3.3V). |
| **OUTP / OUTN** | Differential Output | The LVPECL clock signal outputs. |
| **OE** | Output Enable | Logic high enables the output; logic low sets it to high-Z. |
| **GND** | Ground | Reference ground. |
---
### 4. Application Use-Cases
* **Networking:** Used in Gigabit Ethernet switches and routers to maintain precise synchronization.
* **Telecommunications:** SONET/SDH optical modules where low jitter is mandatory.
* **Set-Top Boxes:** Providing clock references for high-definition video processing.
- ⤷
What is the difference between an LVPECL and an LVDS output in clock oscillators?
- ⤷ How do you calculate the required crystal load capacitance for the PL502?
- ⤷ What are the PCB layout recommendations to minimize jitter for this IC?