Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PL580-38QCL-R

  • AI
    ## Technical Overview of PL580-38QCL-R The **PL580-38QCL-R** is a high-performance **VCXO (Voltage Controlled Crystal Oscillator)** IC produced by Microchip Technology (formerly PhaseLink). It is specifically designed for high-speed clock generation and frequency synthesis in fiber optics and networking applications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Device Type** | Voltage Controlled Crystal Oscillator (VCXO) | | **Output Type** | LVPECL (Low-Voltage Positive Emitter-Coupled Logic) | | **Output Frequency** | Up to 800 MHz | | **Input Frequency** | 17 MHz to 36 MHz (Crystal or Reference) | | **Supply Voltage (Vcc)** | 2.5V or 3.3V | | **Package Type** | 16-Pin QFN (3x3 mm) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | --- ### 2. Core Components and Functionality The architecture of the PL580-38QCL-R consists of several integrated electronic stages: * **Integrated Phase-Locked Loop (PLL):** It uses a low-noise PLL to multiply the input frequency from a standard crystal to a high-speed output (up to 800MHz). * **Voltage Control (VC) Input:** This pin allows the output frequency to be fine-tuned or "pulled" by an external analog voltage. This is critical for synchronization tasks. * **LVPECL Output Driver:** The differential LVPECL output ensures high signal integrity, low jitter, and excellent noise immunity, which is standard for high-speed data transmission. * **Integrated Capacitors:** It features built-in load capacitors for the crystal, reducing the need for external surface-mount components and saving PCB space. --- ### 3. Application Use Cases The PL580-38QCL-R is commonly found in the following electronic systems: 1. **Optical Networking:** Used in SONET/SDH and Gigabit Ethernet hardware for clock recovery and frequency synthesis. 2. **Fiber Channel:** Provides stable timing for storage area networks (SAN). 3. **Digital Video:** High-definition video transmission systems requiring low-jitter clock sources. 4. **Frequency Translation:** Converting a low-frequency reference to a high-frequency system clock. --- ### 4. Ordering Information Suffixes * **-R:** Indicates that the part is shipped in **Tape and Reel** packaging, optimized for automated pick-and-place assembly machines. * **QCL:** Refers to the **QFN** package style (16-lead, 3x3mm) and environmental compliance (Lead-free/RoHS). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific advantages of using LVPECL outputs over LVDS in this chip?
    • ⤷ How do you calculate the pull range for the VCXO functionality?
    • ⤷ What are the recommended crystals to pair with the PL580-38QCL-R?