PL580-39OC-R
AI

The **PL580-39OC-R** is a high-performance, low-phase noise clock generator Integrated Circuit (IC) developed by Microchip (formerly PhaseLink/Micrel). It is specifically designed for high-frequency applications requiring high stability and low jitter.
---
### 1. General Specifications
The following table summarizes the primary electrical and mechanical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Part Number** | PL580-39OC-R |
| **Package Type** | SOP-8 (Standard Outline Package, 8 pins) |
| **Output Type** | PECL (Positive Emitter-Coupled Logic) |
| **Input Frequency Range** | 17MHz to 36MHz (Crystal or Reference) |
| **Output Frequency Range** | Up to 640MHz (Multiplied) |
| **Supply Voltage (Vcc)** | 2.5V or 3.3V |
| **Operating Temperature** | 0°C to +70°C (Commercial Grade) |
| **Packaging Format** | Tape & Reel ("-R" suffix) |
---
### 2. Core Functional Components
The PL580-39OC-R is more than just a simple oscillator; it is a complex frequency synthesizer. Its internal architecture includes:
1. **Phase-Locked Loop (PLL):** The heart of the chip. It takes a low-frequency reference (from a crystal) and multiplies it to a high-frequency output while maintaining phase synchronization.
2. **Voltage Controlled Oscillator (VCO):** An internal oscillator that adjusts its frequency based on the PLL control voltage to ensure precise timing.
3. **PECL Output Buffer:** This stage ensures the signal can drive high-speed differential transmission lines with minimal distortion.
4. **Frequency Multiplier:** Allows for output frequencies that are integer multiples of the input crystal, reducing the need for expensive high-frequency crystals.
---
### 3. Key Electronic Advantages
* **Low Phase Noise:** Engineered specifically to minimize "timing jitter," which is critical in high-speed data communication to prevent bit errors.
* **Differential Signaling:** Since it uses PECL outputs, it provides excellent noise immunity. In differential signaling, external electromagnetic interference (EMI) affects both lines equally and is cancelled out at the receiver.
* **Design Integration:** By integrating the PLL and VCO, it saves significant PCB space compared to discrete oscillator circuits.
---
### 4. Common Applications
This part is typically found in infrastructure-grade electronics, including:
* **Fiber Optic Networking:** SONET, SDH, and Gigabit Ethernet.
* **Storage Area Networks (SAN):** Fibre Channel equipment.
* **High-End Computing:** Server motherboards and precision timing for FPGAs.
---
### 5. Pin Configuration (Typical SOP-8)
Below is a simplified representation of the pinout:
```text
+---U---+
XIN | 1 8 | VCC
XOUT | 2 7 | OUT (PECL)
PSEL | 3 6 | /OUT (PECL)
GND | 4 5 | OE (Output Enable)
+-------+
```
- ⤷
What are the specific termination requirements for the PECL output on the PL580-39OC-R?
- ⤷ How does the jitter performance of the PL580 series compare to standard CMOS oscillators?
- ⤷ Can the PL580-39OC-R be used with an external TCXO instead of a crystal?