PLA03A-050-R
AI

The **PLA03A-050-R** is a specific electronic component, typically categorized as a compact **AC-DC Power Supply Module**. These modules are designed for PCB mounting and are widely used in industrial automation, IoT devices, and consumer electronics where space is limited and reliable power conversion is required.
---
### 1. Key Technical Specifications
Below are the typical electrical characteristics for this series of power modules:
| Parameter | Specification |
| :--- | :--- |
| **Input Voltage Range** | 85V AC to 264V AC (or 100V DC to 370V DC) |
| **Output Voltage** | 5V DC |
| **Output Current** | 600mA (Max) |
| **Rated Power** | 3 Watts |
| **Efficiency** | ~75% - 80% (Typical) |
| **Isolation Voltage** | 3000V AC (Input to Output) |
| **Operating Temp** | -25°C to +70°C |
---
### 2. Core Electronic Features
The PLA03A-050-R incorporates several internal protection circuits and design features:
* **Switching Topology:** Uses a high-frequency switching regulator to convert high-voltage AC to low-voltage DC efficiently.
* **Protection Mechanisms:**
* **Short Circuit Protection:** Automatically recovers once the fault is removed.
* **Over-current Protection:** Prevents damage during load spikes.
* **Over-voltage Protection:** Limits output voltage to protect downstream microcontrollers.
* **EMI Filtering:** Includes built-in filters to minimize electromagnetic interference, often compliant with EN55032 Class B standards.
* **Low Standby Power:** Designed for high efficiency even under "no-load" conditions, helping devices meet "Green Energy" requirements.
---
### 3. Physical Layout and Pinout
This part is usually a "brick" style module for through-hole soldering on a Printed Circuit Board (PCB).
```text
Typical Pin Configuration:
Pin 1: AC (Line)
Pin 2: AC (Neutral)
Pin 3: -Vout (GND)
Pin 4: +Vout (+5V)
```
---
### 4. Typical Applications
* **Smart Home:** Powering Wi-Fi/Bluetooth modules and sensors.
* **Industrial Control:** Low-power auxiliary power for PLCs or relays.
* **Instrumentation:** Digital meters and handheld diagnostic tools.
* **LED Drivers:** Providing logic power for LED control circuits.
- ⤷
What are the recommended external capacitors for noise reduction with the PLA03A-050-R?
- ⤷ How does the efficiency curve change under different load conditions?
- ⤷ Is this module compatible with DIN rail mounting adapters?