Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PLA05A-050-R

  • AI
    The **PLA05A-050-R** is a specific model of an AC/DC switching power adapter, commonly used for small electronic devices. It is designed to convert high-voltage alternating current (AC) from a wall outlet into a stable, low-voltage direct current (DC). ### Technical Specifications Below are the primary electronic characteristics for this component: | Parameter | Specification | | :--- | :--- | | **Input Voltage** | 100 - 240V AC (Universal) | | **Input Frequency** | 50/60 Hz | | **Output Voltage** | 5.0V DC | | **Output Current** | 1.0A (Typical for 5W series) | | **Power Rating** | 5 Watts | | **Connector Type** | Barrel Jack (commonly 5.5mm x 2.1mm) | | **Polarity** | Center Positive (+) | --- ### Key Electronic Components & Features #### 1. Switching Regulator Architecture Unlike old, heavy linear power supplies, the PLA05A uses **Pulse Width Modulation (PWM)**. It switches the input current on and off at very high frequencies (usually tens of kilohertz) to maintain a constant output voltage regardless of input fluctuations. #### 2. Protection Circuitry The "R" suffix often indicates compliance with specific safety standards or RoHS (Restriction of Hazardous Substances). Internally, it includes: * **Over-Current Protection (OCP):** Shuts down the unit if the load draws more than 1A to prevent overheating. * **Short-Circuit Protection (SCP):** Prevents fire or board damage if the positive and negative leads touch. * **Over-Voltage Protection (OVP):** Clamps the output to prevent damaging the connected device if an internal component fails. #### 3. EMI Filtering The board contains an **EMI (Electromagnetic Interference) Filter** consisting of capacitors and inductors. This prevents high-frequency noise generated by the switching process from feeding back into your home's electrical grid or interfering with nearby wireless signals. #### 4. Isolation Transformer A high-frequency transformer provides **galvanic isolation** between the high-voltage AC side and the low-voltage DC side, ensuring user safety from electric shock. --- ### Common Applications * **Networking Gear:** Small routers, modems, or network switches. * **IoT Devices:** Smart home hubs and sensors. * **Consumer Electronics:** Digital clocks, small LED strips, and charging cradles.
    ✨ Follow-up Questions
    • ⤷ What are the specific physical dimensions of the PLA05A-050-R case?
    • ⤷ How does the efficiency rating of this power supply compare to linear adapters?
    • ⤷ Can this power supply be used with devices that require less than 1.0A of current?