AI

The **PLC-RSP-24UC/21** (manufactured by Phoenix Contact) is a narrow, 6.2 mm wide relay module designed for industrial automation. It is a "PLC-Interface" relay, meaning it acts as an intermediary between a controller (like a PLC) and high-power field devices.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Input Voltage ($U_N$)** | 24 V AC/DC |
| **Contact Type** | 1 PDT (Single Pole, Double Throw / Changeover) |
| **Contact Material** | AgSnO (Silver Tin Oxide) |
| **Max Switching Voltage** | 250 V AC/DC |
| **Limiting Continuous Current** | 6 A |
| **Housing Width** | 6.2 mm |
| **Connection Method** | Spring-cage connection (RSP) |
---
### 2. Internal Electronic Components
The module consists of two main parts: the **Relay Base** and the **Pluggable Miniature Relay**.
#### A. Input Circuit (Coil Side)
* **Bridge Rectifier:** Because the device is rated for "UC" (Universal Current), it contains internal rectification. This allows the relay to operate on either 24V AC or 24V DC without polarity concerns.
* **LED Indicator:** A yellow LED is integrated into the base to provide a visual status of the switching state.
* **Damping/Suppression Diode:** Protects the PLC output from inductive voltage spikes (back-EMF) when the relay coil is de-energized.
#### B. Output Circuit (Contact Side)
* **Mechanical Contacts:** Uses a Single Pole Double Throw (SPDT) configuration. When the coil is energized, the common terminal (11) moves from the Normally Closed (NC, 12) to the Normally Open (NO, 14) position.
* **AgSnO Contacts:** This material is used for its high resistance to welding and erosion, making it suitable for switching inductive loads.
---
### 3. Wiring Diagram Representation
The following block represents the logical flow of the electronic path:
```text
Input (A1, A2) --> Rectifier/Protection --> Coil (Inductive)
|
[Mechanical Linkage]
|
Output (11, 12, 14) <------------------- Changeover Contact
```
---
### 4. Advantages of the RSP Series
1. **Space Efficiency:** The 6.2mm width allows for high-density mounting on DIN rails.
2. **Spring-Cage Connection (RSP):** Provides vibration-resistant wiring, ensuring the electronic connection remains stable in harsh environments compared to traditional screw terminals.
3. **Isolation:** Provides galvanic isolation between the low-voltage control logic (PLC) and the high-voltage load.
- ⤷
What is the difference between AgSnO and AgNi contact materials in PLC relays?
- ⤷ Can the 24UC version be used with 24V DC pulse-width modulation (PWM)?
- ⤷ How do I replace the pluggable relay without rewiring the base?