PLL502-51HSCL-R
AI

The **PLL502-51HSCL-R** is a high-performance, low-phase-noise Phase Locked Loop (PLL) clock multiplier IC designed by Microchip (formerly PhaseLink/Micrel). It is specifically engineered to generate high-frequency differential outputs from low-frequency crystal or clock inputs.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Type** | LVCL (Low Voltage CMOS / Differential compatible) |
| **Input Frequency** | 20MHz to 50MHz (Crystal or Reference) |
| **Output Frequency** | Up to 200MHz |
| **Supply Voltage (VDD)** | 2.5V to 3.3V |
| **Package Type** | SOP-8 (Standard Small Outline Package) |
| **Operating Temp** | -40°C to +85°C (Industrial Grade) |
| **Multiplication Factor** | 4x (Fixed) |
---
### 2. Core Functional Parts
The internal architecture of the PLL502-51HSCL-R consists of several critical stages:
#### A. Crystal Oscillator Circuit
This part interfaces with an external AT-cut fundamental crystal. It includes internal load capacitance to minimize the need for external components, ensuring a stable reference frequency.
#### B. Phase Locked Loop (PLL) Block
The "heart" of the IC. It consists of:
* **Phase Frequency Detector (PFD):** Compares the input reference with the feedback signal.
* **Charge Pump & Low Pass Filter (LPF):** Converts phase errors into a control voltage.
* **Voltage Controlled Oscillator (VCO):** Generates the high-frequency clock signal based on the control voltage.
#### C. Differential Output Driver
The "HSCL" designation refers to the specific output buffering. It is designed to drive differential lines with high speed and low jitter, making it suitable for high-speed data transfer environments.
---
### 3. Pin Configuration (SOP-8)
| Pin # | Name | Description |
| :--- | :--- | :--- |
| 1 | XIN / CLK | Crystal or Reference Clock Input |
| 2 | XOUT | Crystal Feedback Output |
| 3 | VDD | Power Supply (2.5V - 3.3V) |
| 4 | GND | Ground |
| 5 | CLK_OUT | Main Clock Output |
| 6 | nCLK_OUT | Complementary Clock Output (Differential) |
| 7 | OE | Output Enable (High = Active; Low = High Z) |
| 8 | NC / FIN | No Connect or Frequency Input (Depending on variant) |
---
### 4. Typical Applications
* **Networking:** Gigabit Ethernet and Fiber Channel timing.
* **Storage:** SATA/SAS interface clocking.
* **Computing:** High-speed I/O and PCIe reference clocks.
* **Communications:** Base stations and FPGA clock distribution.
---
- ⤷
What are the jitter performance specifications for this specific PLL?
- ⤷ How do I calculate the external crystal load requirements for the PLL502-51?
- ⤷ What is the difference between the HSCL and the Standard CMOS output versions?