PLL600-27TSC-R
AI

## Overview of the PLL600-27TSC-R
The **PLL600-27TSC-R** is a high-performance **VCXO** (Voltage Controlled Crystal Oscillator) IC designed specifically for high-definition video applications, set-top boxes, and ADSL modems. It is manufactured by Microchip Technology (formerly PhaseLink).
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | VCXO (Voltage Controlled Crystal Oscillator) |
| **Output Frequency Range** | 1MHz to 27MHz |
| **Supply Voltage (VDD)** | 2.25V to 3.63V |
| **Output Type** | CMOS |
| **Package Type** | SOT-23 (6-pin) |
| **Operating Temperature** | 0°C to 70°C (Commercial) |
| **Pulling Range** | ±200 ppm (typical) |
---
### 2. Functional Electronic Components
The internal architecture of the PLL600-27TSC-R consists of several critical electronic blocks:
1. **Voltage Control Input (VIN):** This pin allows an external analog voltage to adjust the output frequency. It is used for "fine-tuning" the clock to synchronize with an incoming data stream.
2. **Crystal Oscillator Circuit:** Designed to work with a fundamental mode crystal (usually 27MHz) to provide a stable reference frequency.
3. **Phase-Locked Loop (PLL):** The core circuitry that stabilizes the output frequency relative to the crystal and the control voltage.
4. **Output Buffer:** A CMOS driver that ensures the signal integrity of the 27MHz clock as it travels to other components on the PCB.
---
### 3. Pin Configuration
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **VIN** | Voltage Control Input |
| 2 | **GND** | Ground Connection |
| 3 | **XIN** | Crystal Input |
| 4 | **XOUT** | Crystal Output |
| 5 | **VDD** | Power Supply (3.3V typical) |
| 6 | **CLKOUT** | CMOS Clock Output |
---
### 4. Application Use Case
This part is primarily used in **MPEG video clock regeneration**. In a digital video system, the 27MHz clock must be perfectly synchronized with the broadcast source to prevent frame dropping or audio-video desync. The PLL600-27TSC-R allows the system's software to adjust the clock speed dynamically via the **VIN** pin.
---
### 5. Part Number Breakdown: `PLL600-27TSC-R`
* **PLL600-27**: Base series (27MHz optimized).
* **T**: Package Code (SOT-23).
* **S**: Speed/Feature variation.
* **C**: Commercial Temperature Range.
* **-R**: Tape and Reel packaging.
- ⤷
What are the typical crystal requirements (ESR/Load Capacitance) for this IC?
- ⤷ How does the control voltage (VIN) sensitivity affect frequency pulling?
- ⤷ Are there automotive-grade equivalents for the PLL600 series?