PLL620-08QC-R
AI

The **PLL620-08QC-R** is a low-power, high-performance Frequency Synthesizer / Clock Generator Integrated Circuit (IC). It is specifically designed to work with high-frequency crystals to produce stable clock outputs, commonly used in communication and networking equipment.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Part Number** | PLL620-08QC-R |
| **Type** | VCXO (Voltage Controlled Crystal Oscillator) / Clock Multiplier |
| **Input Frequency** | 1.0 MHz to 36.0 MHz (Crystal or Clock) |
| **Output Frequency** | Up to 800 MHz (depending on configuration) |
| **Operating Voltage** | 3.3V (Typical) |
| **Package Type** | QFN-16 (Quad Flat No-lead) |
| **Output Type** | PECL (Positive Emitter-Coupled Logic) |
---
### 2. Core Components and Internal Architecture
The "Electronic Parts" within this IC function together to stabilize and multiply frequencies:
* **Phase Detector (PD):** Compares the phase of the input reference signal with the feedback signal from the internal oscillator.
* **Charge Pump (CP) and Low Pass Filter (LPF):** Converts the phase difference into a control voltage.
* **Voltage Controlled Oscillator (VCO):** The heart of the IC that generates the high-frequency output signal based on the control voltage.
* **Dividers/Multipliers:** Integrated circuitry that allows the user to scale the input frequency by specific factors (e.g., x1, x2, x4) to achieve the target output.
---
### 3. Pin Configuration Overview
Typical pins found on the PLL620-08 series include:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VDD / VSS** | Power Supply | Power and Ground pins (3.3V). |
| **XIN / XOUT** | Crystal Input | Connection points for the reference quartz crystal. |
| **FIN** | Reference Clock | Alternative input for an external clock signal. |
| **OE** | Output Enable | Logic pin to enable or disable the output clocks. |
| **OUT+, OUT-** | Differential Output | PECL differential clock output pairs. |
---
### 4. Application Use Cases
* **Networking:** Gigabit Ethernet, Fiber Channel, and SONET/SDH.
* **System Clocks:** Providing low-jitter clocking for high-speed FPGAs and DSPs.
* **Telecom:** Base stations and switching equipment where frequency precision is critical.
---
- ⤷
What is the jitter performance of the PLL620-08QC-R?
- ⤷ Can this IC be used with a 5V power supply?
- ⤷ What is the difference between the QC and the -R suffix in the part number?