PM-K24-R
AI

The **PM-K24-R** is a subminiature, K-type u-shaped photoelectric sensor manufactured by Panasonic (formerly Sunx). It is widely used in industrial automation for sensing the presence or position of objects through a small slot.
---
### 1. Key Technical Specifications
The following table outlines the core electronic and physical characteristics of the PM-K24-R:
| Feature | Specification |
| :--- | :--- |
| **Sensing Range** | 5 mm (Fixed) |
| **Minimum Sensing Object** | 0.8 x 1.8 mm (Opaque) |
| **Supply Voltage** | 5 to 24 V DC ±10% |
| **Current Consumption** | 15 mA or less |
| **Output Type** | NPN Open-collector transistor |
| **Output Operation** | Dual Output (Light-ON / Dark-ON) |
| **Response Time** | 20 µs or less under light received |
| **Cable Type** | Flexible R-type (Robot cable) |
---
### 2. Internal Electronic Components
The PM-K24-R operates as a **Transmissive (Through-beam)** sensor. Its internal circuitry consists of two primary sides:
#### A. Emitter Side (Infrared LED)
* **Light Source:** It utilizes an Infrared LED (peak emission wavelength: 855 nm).
* **Function:** Continuously emits a beam of infrared light across the 5mm gap toward the receiver.
#### B. Receiver Side (Phototransistor)
* **Sensor:** A high-speed phototransistor detects the presence of the IR beam.
* **Signal Processing:** Internal circuitry converts the light levels into a digital signal.
* **Output Transistor:** An NPN transistor acts as a switch. When triggered, it pulls the output signal to the negative (0V) rail.
---
### 3. Wiring Configuration
The "R" in the model name indicates a **Flexible Robot Cable**, designed to withstand repeated bending in moving parts. The sensor typically uses a 4-wire system:
| Wire Color | Connection | Description |
| :--- | :--- | :--- |
| **Brown** | +V | Positive Power Supply (5-24V DC) |
| **Blue** | 0V | Ground / Negative |
| **Black** | Output 1 | Light-ON (Conducts when beam is NOT broken) |
| **White** | Output 2 | Dark-ON (Conducts when beam IS broken) |
---
### 4. Distinctive Features
* **Compact Size:** The "K" shape allows the sensor to be mounted in tight spaces, often used for limit detection in linear actuators.
* **High Speed:** With a response time of 20 microseconds, it can detect objects moving at high frequencies or fast-rotating discs with slits.
* **Reverse Polarity Protection:** The internal electronics are protected against accidental reverse wiring of the power supply.
- ⤷
What is the difference between NPN and PNP output in these sensors?
- ⤷ How does the 'R' type cable differ from the standard cable in terms of durability?
- ⤷ Can this sensor be used to detect transparent materials?