PM20-R068M
AI

## Technical Overview of the PM20-R068M
The **PM20-R068M** is a surface-mount (SMD) wire-wound chip inductor. It is commonly used in high-frequency applications, signal processing, and power management circuits where small form factors and stable inductance are required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.068 µH (68 nH) |
| **Tolerance** | ±20% |
| **Package / Case** | 1210 (Metric 3225) |
| **Current Rating (Imax)** | 450 mA |
| **DC Resistance (DCR)** | 0.22 Ohms (Max) |
| **Self-Resonant Frequency (SRF)** | 500 MHz |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Physical Construction
The part belongs to the **PM20 series** (typically manufactured by Bourns). Its construction involves:
* **Core Material:** Usually a non-magnetic (phenolic) or ferrite core depending on the specific frequency range.
* **Winding:** Fine copper wire wound around the core to achieve the 68nH inductance.
* **Termination:** Lead-free, solder-plated terminals compatible with reflow soldering processes.
* **Encapsulation:** Molded epoxy resin that provides excellent mechanical strength and resistance to environmental factors like humidity.
---
### 3. Functional Features
* **High Q Factor:** Designed to maintain a high quality factor at high frequencies, which is essential for filter performance.
* **Compact Size:** The 1210 footprint (3.2mm x 2.5mm) allows for high-density PCB layouts.
* **Stability:** The wire-wound design offers better stability across a wide temperature range compared to multilayer ceramic inductors.
---
### 4. Common Applications
Due to its low inductance value (68nH) and high SRF, this component is frequently found in:
1. **RF Circuits:** Used for impedance matching and resonance in high-frequency communication devices.
2. **Filtering:** Effective in EMI/RFI suppression for signal lines.
3. **Decoupling:** Used in power supply circuits to block high-frequency noise from reaching sensitive ICs.
4. **Mobile Electronics:** Found in cellular phones, GPS receivers, and WLAN modules.
---
### 5. Part Number Breakdown
* **PM20:** Series identifier (typically Bourns Inductor series).
* **R068:** The inductance value. "R" acts as a decimal point (0.068 µH).
* **M:** Tolerance code. "M" signifies ±20% (whereas "K" would be ±10%).
- ⤷
What are the main differences between the PM20 and PM1210 series?
- ⤷ Can this inductor be used in high-power switching regulators?
- ⤷ What are the recommended soldering profiles for the 1210 package?