PM20-R47M
AI

The **PM20-R47M** is a surface-mount (SMD) fixed inductor commonly used in power management and signal filtering circuits. It belongs to a class of wire-wound chip inductors designed for high reliability and compact performance.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by manufacturers (typically Bourns or similar high-reliability brands).
| Parameter | Value |
| :--- | :--- |
| **Inductance** | 0.47 µH (Microhenries) |
| **Tolerance** | ±20% (indicated by 'M') |
| **Case Size** | 1210 (Inch) / 3225 (Metric) |
| **Core Material** | Phenolic / Ferrite |
| **Current Rating** | High Current (Specific to manufacturer, approx. 450mA - 700mA) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### 2. Breakdown of Part Number
* **PM20**: Series designation (1210 size wire-wound inductor).
* **R47**: Inductance value. The "R" acts as a decimal point. $0.47$ µH.
* **M**: Tolerance code. $M = \pm20\%$. (Common alternatives are K for 10% or J for 5%).
---
### 3. Physical Construction
The PM20 series is typically constructed using a **wire-wound** design on a ceramic or ferrite core.
- **Wire-wound:** Offers lower DC resistance (DCR) and higher Q-factors compared to multilayer inductors.
- **Encapsulation:** The coil is usually protected by an epoxy resin or molded case to provide mechanical stability and resistance to environmental factors like humidity.
---
### 4. Applications
This specific inductor is ideal for various electronic circuits:
1. **DC-DC Converters:** Used for energy storage and smoothing in small power supplies.
2. **Signal Filtering:** Used in RF and communication circuits to block high-frequency noise while allowing low-frequency signals.
3. **Decoupling:** Prevents high-frequency interference from spreading through power lines in consumer electronics.
4. **Mobile Devices:** Its small 1210 footprint makes it suitable for tablets, smartphones, and portable medical devices.
---
### 5. Features
- **High Self-Resonant Frequency (SRF):** Allows the part to maintain inductive properties at high frequencies.
- **Operating Temperature:** Usually rated from $-40^\circ\text{C}$ to $+125^\circ\text{C}$.
- **Pick and Place Ready:** Designed for automated assembly lines with standard tape and reel packaging.
- ⤷What is the difference between a wire-wound and a multilayer inductor?
- ⤷ How does the 'Q-factor' affect the performance of the PM20-R47M?
- ⤷ What are the common alternatives if the PM20-R47M is out of stock?