Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • POE4W2X12-R

  • AI
    The **POE4W2X12-R** is an electronic component commonly used as a **Power over Ethernet (PoE) Transformer**. It is specifically designed to work within Power Sourcing Equipment (PSE) or Powered Device (PD) circuits to facilitate the transmission of DC power along with Ethernet data over twisted-pair cabling. ### 1. Key Technical Specifications Below are the typical electrical characteristics for this class of transformer: | Parameter | Specification (Typical) | | :--- | :--- | | **Primary Inductance** | 127 µH to 150 µH | | **Turns Ratio** | 1:1 (Primary to Secondary) | | **Isolation Voltage** | 1500 Vrms | | **Input Voltage Range** | 36V to 72V (Standard PoE Range) | | **Output Power** | Up to 12W - 15W | | **Operating Temperature** | -40°C to +85°C | --- ### 2. Electronic Roles & Functions The POE4W2X12-R serves three primary roles in an electronic circuit: #### A. Power Extraction & Conversion In a PoE system, DC voltage (usually 48V) is injected into the Ethernet cable. This transformer is used in a **Flyback Converter** topology to step down that high voltage to a usable level (like 3.3V, 5V, or 12V) for the internal circuitry of the device (IP cameras, VoIP phones, etc.). #### B. Galvanic Isolation Safety standards (IEEE 802.3af/at) require that the Ethernet line be electrically isolated from the rest of the device's electronics. The POE4W2X12-R provides **1500V isolation**, protecting the user and the sensitive internal ICs from power surges or ground loops. #### C. EMI Suppression The internal windings are designed to minimize electromagnetic interference (EMI). This ensures that the high-frequency switching of the power supply does not interfere with the high-speed data packets traveling on the same wires. --- ### 3. Typical Application Circuit The component is usually placed between the **Bridge Rectifier** (which handles polarity) and the **DC-DC Controller IC**. ```mermaid graph LR A[RJ45 Connector] --> B[Bridge Rectifier] B --> C[DC-DC Controller] C --> D[POE4W2X12-R Transformer] D --> E[Output: 12V/1A] ``` --- ### 4. Physical Characteristics * **Package Type:** Surface Mount (SMD). * **Footprint:** Compact design to fit into small IoT devices. * **Compliance:** Usually RoHS compliant and designed to meet IEEE 802.3 standards. ---
    ✨ Follow-up Questions
    • ⤷What is the maximum power output supported by the POE4W2X12-R?
    • ⤷ Which DC-DC controller ICs are most compatible with this transformer?
    • ⤷ How does the turns ratio affect the output voltage in this specific component?