POM-2244P-2-R
AI

## Overview of POM-2244P-2-R
The **POM-2244P-2-R** is a high-performance electret condenser microphone (ECM) manufactured by **PUI Audio, Inc.** It is designed for general-purpose audio applications requiring a compact form factor and high sensitivity.
---
### Technical Specifications
The following table outlines the primary electronic and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Type** | Electret Condenser |
| **Directionality** | Omni-directional |
| **Sensitivity** | -44 ±3 dB (0dB=1V/Pa, 1kHz) |
| **Operating Voltage** | 2.0V (Standard), 1.0V to 10V (Range) |
| **Current Consumption** | 0.5 mA (Max) |
| **Frequency Range** | 50 Hz ~ 20,000 Hz |
| **Signal-to-Noise Ratio** | > 60 dB |
| **Impedance** | 2.2 kOhms |
| **Mounting Type** | Through-hole (PC Pins) |
| **Dimensions** | 6.00mm Diameter x 2.70mm Height |
---
### Key Internal Components
1. **Electret Diaphragm:** A thin plastic film with a permanent charge. It acts as one plate of a capacitor. When sound waves hit it, the capacitance changes.
2. **Back Plate:** The stationary plate of the capacitor.
3. **FET (Field Effect Transistor):** Because the impedance of the condenser element is extremely high, an internal FET acts as an impedance converter/amplifier to make the signal usable by standard audio circuits.
---
### Pin Configuration & Connection
The device features two pins for PCB mounting:
* **Terminal 1 (Output/Power):** This pin carries the audio signal and receives the DC bias voltage via a resistor.
* **Terminal 2 (Ground):** Connected to the metal case of the microphone for shielding and grounding.
#### Typical Application Circuit
To use this part, you generally need a "Phantom Power" or "Bias" circuit:
```text
Vcc (+3V to +10V)
|
[R_load: 2.2k]
|
+----------[C_coupling: 1uF]------> Audio Out
|
[Terminal 1]
[Microphone]
[Terminal 2]
|
GND
```
---
### Common Applications
* Telecommunication devices (smartphones, headsets).
* Voice recognition systems.
* Security and monitoring equipment.
* Consumer electronics (laptops, tablets).
- ⤷
What is the recommended value for the load resistor R at different supply voltages?
- ⤷ How does the omni-directional polar pattern affect audio pickup compared to unidirectional models?
- ⤷ Is the POM-2244P-2-R suitable for high-SPL environments like loud concerts?