Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • POM-3042L-R

  • AI
    ### Technical Overview of POM-3042L-R The **POM-3042L-R** is a specific model of an **Electret Condenser Microphone (ECM)** manufactured by PUI Audio. It is designed to convert acoustic sound pressure into an electrical signal using a permanently charged diaphragm. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Directionality** | Omni-directional (picks up sound from all sides) | | **Sensitivity** | -42 ± 3 dB (0dB = 1V/Pa at 1kHz) | | **Frequency Range** | 20 Hz ~ 20,000 Hz | | **Operating Voltage** | 1.5V ~ 10V DC (Standard: 2V) | | **Current Consumption** | 0.5 mA (Maximum) | | **Signal-to-Noise Ratio** | > 60 dB | | **Impedance** | 2.2 kΩ | | **Dimensions** | 6.0 mm (Diameter) x 2.7 mm (Height) | | **Termination** | Solder Pads (L-type refers to lead-less/pad design) | --- ### 2. Electronic Internal Construction The device consists of three main electronic stages housed within a small aluminum cylinder: 1. **The Diaphragm:** A thin, metalized plastic film that acts as one plate of a capacitor. It is pre-charged (electret) to maintain a constant voltage. 2. **The Back Plate:** A stationary electrode that forms the second plate of the capacitor. 3. **JFET (Internal Amplifier):** Since the capacitance change is extremely small, the microphone includes an internal **Junction Field Effect Transistor (JFET)**. This serves as an impedance converter, transforming the high-impedance signal of the capsule into a usable low-impedance output. --- ### 3. Application Circuitry To use the POM-3042L-R, you must provide a "Phantom Power" or "Bias" voltage through a resistor. Below is a standard wiring configuration: ```c Vcc (2V - 10V) | R1 (2.2k Ohms) | +----------[ C1 (1uF Capacitor) ]-----> Audio Output | [ POM-3042L-R ] | GND ``` * **R1 (Load Resistor):** Sets the operating current for the internal JFET. * **C1 (DC Blocking Capacitor):** Removes the DC bias from the output signal so only the AC audio signal passes to the next stage (pre-amp). --- ### 4. Common Use Cases * Voice recognition modules. * Consumer electronics (smartphones, tablets). * Sound level monitoring devices. * DIY audio recording projects.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 'Omni-directional' polar pattern for this microphone?
    • ⤷ How does changing the load resistor value affect the microphone's performance?
    • ⤷ Are there specific soldering precautions required for the POM-3042L-R pads?