AI

## Overview of POM-3546P-R
The **POM-3546P-R** is a high-sensitivity, omnidirectional **electret condenser microphone (ECM)** capsule. It is designed for picking up sound from all directions and converting acoustic energy into electrical signals. It is commonly used in telecommunications, voice recording devices, and consumer electronics.
---
### Technical Specifications
The following table outlines the key electrical and physical parameters of the POM-3546P-R:
| Parameter | Specification |
| :--- | :--- |
| **Directivity** | Omnidirectional |
| **Sensitivity** | -46 ± 3 dB (0dB=1V/Pa, 1kHz) |
| **Operating Voltage** | 1.5V to 10V (Standard: 2.0V) |
| **Current Consumption** | Max 0.5 mA |
| **Frequency Range** | 20 Hz – 20,000 Hz |
| **Signal-to-Noise Ratio** | > 60 dB |
| **Impedance** | 2.2 kΩ (Max) |
| **Dimensions** | 6.0 mm (Diameter) x 3.5 mm (Height) |
| **Connection Type** | Through-hole (Solder Pins) |
---
### Internal Components & Operation
The POM-3546P-R consists of several critical electronic parts housed within its metallic casing:
1. **Vibrating Diaphragm:** A thin plastic film (usually Mylar) coated with a conductive gold or nickel layer. It reacts to sound pressure waves.
2. **Back Plate:** A stationary plate that, together with the diaphragm, forms a capacitor. In electret models, this plate (or the diaphragm) holds a permanent electrostatic charge.
3. **FET (Field Effect Transistor):** Because the impedance of the condenser element is extremely high, an internal FET acts as an **impedance converter** and buffer. It translates the high-impedance signal to a lower impedance that can be used by standard audio circuits.
4. **Metal Housing:** Acts as a Faraday shield to protect the sensitive internal signal from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI).
---
### Typical Application Circuit
To use the POM-3546P-R, you must provide "Plug-in Power" or a bias voltage through a resistor.
```mermaid
[VCC (2.0V)]
|
[RL (2.2kΩ Resistor)]
|
+----[ Output Coupling Capacitor (1uF) ]----> Audio Out
|
[POM-3546P-R (+)]
|
[POM-3546P-R (-)]
|
[GND]
```
### Key Features
* **Small Form Factor:** The 6mm diameter makes it ideal for compact PCB designs.
* **Wide Frequency Response:** Covers the full human hearing range, making it suitable for high-fidelity voice capture.
* **RoHS Compliant:** Built using environmentally friendly materials.
- ⤷
What is the recommended value for the load resistor (RL) in a 5V circuit?
- ⤷ How does 'omnidirectional' directivity affect noise pickup compared to unidirectional mics?
- ⤷ What are the soldering precautions for this specific microphone capsule?