Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • POM-5246L-R

  • AI
    ## Overview of POM-5246L-R The **POM-5246L-R** is a high-sensitivity electret condenser microphone (ECM) capsule manufactured by PUI Audio. It is designed to convert acoustic sound waves into electrical signals, commonly used in consumer electronics, telecommunications, and recording devices. --- ### Technical Specifications The following table highlights the core electrical and physical parameters of the component: | Parameter | Specification | | :--- | :--- | | **Type** | Electret Condenser (ECM) | | **Directionality** | Omnidirectional | | **Sensitivity** | -46 ± 3 dB (0dB=1V/Pa @ 1kHz) | | **Operating Voltage** | 1.5V to 10V (Standard: 2.0V) | | **Current Consumption** | 0.5 mA (Maximum) | | **Frequency Range** | 20 Hz – 20,000 Hz | | **Impedance** | 2.2 kΩ | | **Signal-to-Noise Ratio** | > 60 dB | | **Dimensions** | Ø 6.0mm x 5.0mm (Height) | | **Connection Type** | Solder Pads (Leaded version available) | --- ### Key Electronic Components & Working Principle The POM-5246L-R operates through several internal electronic stages: 1. **The Diaphragm (Electret):** A thin, metalized plastic film that holds a permanent electrostatic charge. When sound waves hit it, the diaphragm vibrates. 2. **The Backplate:** A stationary plate that, together with the diaphragm, forms a capacitor. The vibration of the diaphragm changes the capacitance. 3. **Internal FET (Field Effect Transistor):** * Since the impedance of the condenser element is extremely high, an internal JFET acts as an impedance converter. * It transforms the high-impedance signal into a low-impedance signal suitable for standard pre-amplifiers. 4. **The Housing:** A metal (usually aluminum) canister that acts as a Faraday shield to protect the signal from Electromagnetic Interference (EMI) and Radio Frequency Interference (RFI). --- ### Typical Application Circuit To use the POM-5246L-R, a simple biasing circuit is required to power the internal FET. ```text Vcc (2V - 10V) | [ R_load (2.2kΩ) ] | +----------o Output Signal (to ADC/Pre-amp) | | | [ C_coupling (1uF - 10uF) ] | | [ POM-5246L-R ] | GND ``` ### Features and Benefits * **Omnidirectional Pickup:** It captures sound equally from all directions, making it ideal for ambient recording or devices where the user's orientation changes. * **High SNR:** A 60dB Signal-to-Noise ratio ensures clear audio with minimal background hiss from the internal electronics. * **Wide Voltage Range:** It can be integrated into low-power battery-operated devices (running at 2V) or higher-voltage systems. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between this omnidirectional model and a unidirectional microphone?
    • ⤷ How does changing the load resistor (R_load) affect the microphone's performance?
    • ⤷ Are there specific soldering temperature requirements to avoid damaging the electret element?