PPC-315-RJ60A
AI

The **PPC-315-RJ60A** is an industrial-grade Panel PC produced by Advantech. It is designed for high-performance computing in rugged environments, featuring a 15" display and powered by the Intel Core i-series (Tiger Lake) platform.
Below is a breakdown of its key electronic components and technical specifications.
---
### 1. Core Processing & Memory
The device is built on the Intel 11th Generation platform, which provides a significant jump in processing power and integrated graphics performance compared to previous generations.
| Component | Specification |
| :--- | :--- |
| **CPU** | Intel® Core™ i5-1145G7E / i3-1115G4E / Celeron 6305E |
| **Memory Architecture** | 2 x 260-pin DDR4 SO-DIMM slots |
| **Max Capacity** | Up to 64 GB |
| **Graphics** | Intel® Iris® Xe Graphics (Core i5) or Intel® UHD Graphics |
### 2. Display and Touch Interface
The front panel acts as the primary Human-Machine Interface (HMI), featuring industrial-grade luminosity and durability.
* **LCD Panel:** 15" TFT LCD with a resolution of 1024 x 768 (XGA).
* **Touch Controller:** Projected Capacitive (P-CAP) multi-touch or 5-wire resistive touch options.
* **Durability:** The front panel is IP66-rated, meaning it is protected against dust and powerful water jets.
### 3. Input/Output (I/O) Connectivity
The electronic motherboard (Mainboard) integrates various industrial communication ports:
| Port Type | Quantity / Details |
| :--- | :--- |
| **Ethernet** | 2 x 10/100/1000/2500 Mbps (Intel I225-LM/IT) |
| **USB** | 4 x USB 3.2 Gen 2 |
| **Serial Ports** | 2 x RS-232/422/485 (DB9) |
| **Video Output** | 1 x HDMI 2.0b |
| **Expansion** | 1 x M.2 (E-key for Wi-Fi), 1 x M.2 (M-key for SSD) |
### 4. Power System
The PPC-315-RJ60A is designed to operate in unstable industrial power grids, featuring a wide voltage input range.
* **Input Voltage:** 9 ~ 32 VDC (Terminal block).
* **Power Consumption:** Typically around 60W (depending on CPU load and peripherals).
* **Protection:** Over-voltage and over-current protection circuits are integrated into the power management module.
### 5. Storage Support
The system uses modern high-speed storage interfaces to ensure fast boot times and data reliability.
* **NVMe Support:** M.2 2280 (PCIe Gen4 x4) for high-speed SSDs.
* **SATA Support:** 1 x 2.5" SATA bay for high-capacity SSD/HDD storage.
---
### Environmental & Physical Electronics
* **Thermal Management:** Fanless design (heatsink-based) to prevent dust intake and mechanical failure.
* **Watchdog Timer:** 255-level timer to automatically reset the system if the software freezes.
* **TPM:** Integrated TPM 2.0 chip for hardware-level security and encryption.
- ⤷
What are the mounting options available for the PPC-315-RJ60A?
- ⤷ Does this model support Windows 11 and Linux distributions?
- ⤷ Can the I/O be expanded using Advantech iDoor modules?