AI

The **PPC-3151SW** is an industrial-grade panel PC manufactured by Advantech. It is designed for high-performance automation, data processing, and human-machine interface (HMI) applications.
Below is a detailed breakdown of its core electronic components and technical specifications.
---
## 1. Core Computing Components
The internal architecture is built on the Intel Core i platform, providing significantly higher processing power than standard Atom-based panel PCs.
| Component | Specification Details |
| :--- | :--- |
| **Processor (CPU)** | Supports 6th/7th Gen Intel® Core™ i5-6300U / i3-6100U / i7-6600U. |
| **Memory (RAM)** | 1 x SO-DIMM, DDR4 2133 MHz, up to 16 GB. |
| **Graphics** | Integrated Intel® HD Graphics (supports dual independent displays). |
| **Storage** | 1 x 2.5" SATA bay and 1 x mSATA slot. |
---
## 2. Display and Touch Electronics
The "W" in the model name indicates a **Widescreen** aspect ratio, which is common in modern SCADA systems.
* **Panel Type:** 15.6" Full HD (1920 x 1080) LED LCD.
* **Touch Controller:** Projected Capacitive (P-CAP) multi-touch.
* **Durability:** The screen is typically rated for an IP65-certified front panel, protecting the internal electronics from water and dust.
* **Backlight Life:** Rated for approximately 50,000 hours.
---
## 3. Input/Output (I/O) Interfaces
The electronic board features a variety of industrial communication ports:
### Networking & Connectivity
* **Ethernet:** 2 x 10/100/1000 Mbps RJ45 ports (Intel I219LM and I211AT).
* **USB:** 2 x USB 3.0 and 2 x USB 2.0.
* **Serial Ports:** 1 x RS-232, 1 x RS-232/422/485 (BIOS selectable).
### Expansion Slots
* **Full-size mPCIE:** Used for Wi-Fi, Bluetooth, or cellular modules.
* **PCI/PCIe Expansion:** One of the standout features is the internal riser card support for 1 x PCI or 1 x PCIe x4 expansion (check specific sub-model for riser card inclusion).
---
## 4. Power and Environment
The power circuitry is designed to handle the fluctuations found in industrial environments.
* **Input Voltage:** 12 ~ 24 VDC (Wide Range).
* **Power Consumption:** Typically 25W ~ 60W depending on CPU load.
* **Protection:** Includes over-voltage and over-current protection.
---
## 5. Summary Table
| Category | Description |
| :--- | :--- |
| **Form Factor** | 15.6" Widescreen Industrial Panel PC |
| **CPU Architecture** | Intel Skylake/Kaby Lake (U-Series) |
| **Cooling** | Fanless Design (Heatsink based) |
| **OS Support** | Windows 7, 10, 11, and Linux |
---
- ⤷
Does the PPC-3151SW support DIN-rail or VESA mounting?
- ⤷ What are the specific expansion riser card options for this model?
- ⤷ Can the RAM be upgraded beyond 16GB in newer revisions?