PPC-4151W-R3AE
AI

The **Advantech PPC-4151W-R3AE** is an industrial-grade 15.6" widescreen Panel PC powered by the 4th Generation Intel Core i5 processor. Below is a detailed breakdown of its electronic components and hardware specifications.
---
## 1. Core Processing & Memory
The heart of the system is built on the Intel Haswell architecture, designed for a balance between processing power and thermal efficiency.
| Component | Specification |
| :--- | :--- |
| **CPU** | Intel Core i5-4300U (Dual Core, 1.9 GHz up to 2.9 GHz) |
| **L3 Cache** | 3 MB |
| **Chipset** | Integrated Intel Wildcat Point-LP |
| **Memory (RAM)** | 1 x SO-DIMM, DDR3L 1333/1600, Max 8 GB |
| **Graphics** | Intel HD Graphics 4400 |
---
## 2. Display & Touch Interface
The "W" in the model name signifies the **Widescreen** aspect ratio, which is common in modern HMI (Human Machine Interface) applications.
* **LCD Panel:** 15.6" TFT LCD with a resolution of 1366 x 768 (HD).
* **Luminance:** 400 $cd/m^2$ (suitable for indoor industrial environments).
* **Touch Controller:** 5-wire Resistive type (R-model). This allows for operation with gloves and provides high resistance to dust and liquid.
* **Backlight MTBF:** 50,000 hours.
---
## 3. Connectivity & I/O Ports
The electronic interface includes various industrial protocols for machine-to-machine communication.
### Wired Interfaces
* **Ethernet:** 2 x 10/100/1000 Mbps RJ45 ports (Intel I218-LM & I210-IT).
* **USB:** 2 x USB 3.0, 2 x USB 2.0.
* **Serial Ports:**
* 1 x RS-232.
* 1 x RS-232/422/485 (Software selectable).
* 1 x isolated RS-422/485 (Optional).
### Expansion Slots
* 1 x Full-size mSATA slot.
* 1 x PCI or PCIe x1 expansion slot (via a riser card).
* 1 x Half-size mini PCIe slot.
---
## 4. Power Supply & Electrical Safety
Designed for volatile industrial power environments, the PPC-4151W includes robust power management electronics.
* **Input Voltage:** 9 ~ 32 VDC (Wide range input).
* **Power Consumption:** Typically around 40W - 50W depending on load.
* **Protection:** Circuitry includes over-voltage and over-current protection.
---
## 5. Environmental Engineering
The electronic components are housed in an **IP65-rated** front aluminum die-cast enclosure.
* **Cooling:** Fanless design (utilizes high-efficiency heat sinks to dissipate heat from the i5 CPU).
* **Storage:** Supports 1 x 2.5" SATA bay and 1 x mSATA.
---
- ⤷
What are the differences between the R3AE and the capacitive touch (PCAP) version?
- ⤷ Can the RAM be upgraded beyond 8GB in this specific model?
- ⤷ Which operating systems are officially supported by the PPC-4151W hardware?