PPC405GPR-3JB266
AI

The **PPC405GPR-3JB266** is a high-performance, low-power 32-bit RISC embedded processor based on the PowerPC architecture. It was originally designed by IBM (and later supported by AMCC) for networking, storage, and industrial control applications.
---
## 1. Technical Specifications
Below are the primary electronic characteristics and performance metrics for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Architecture** | PowerPC 405 (32-bit) |
| **Clock Speed** | 266 MHz |
| **Core Voltage** | 1.8V |
| **I/O Voltage** | 3.3V |
| **Package Type** | 416-pin PBGA (Plastic Ball Grid Array) |
| **Operating Temperature** | -40°C to +85°C (Industrial Grade) |
| **Instruction Cache** | 16 KB |
| **Data Cache** | 16 KB |
---
## 2. Key Internal Components
The "GPR" designation indicates a "General Purpose" variant with integrated peripherals designed to reduce system BOM (Bill of Materials) costs.
### A. The Processor Core
* **Five-stage Pipeline:** Allows for single-cycle execution for most instructions.
* **Hardware Multiply/Divide:** Speeds up mathematical computations without needing a separate FPU (Floating Point Unit) for integer-based math.
### B. Memory Controller
* **SDRAM Controller:** Supports up to 2 banks of SDRAM with a 32-bit data bus.
* **External Bus Controller (EBC):** Provides an interface for Flash memory, SRAM, and other ROM devices.
### C. Integrated Peripherals
* **PCI Bridge:** A 32-bit PCI V2.2 compliant interface (up to 33MHz/66MHz).
* **Ethernet MAC:** Integrated 10/100 Mbps Ethernet controller with MII interface.
* **UARTs:** Two serial ports for debugging and console communication.
* **I2C & GPIO:** Standard interfaces for connecting low-speed sensors and controlling logic signals.
* **DMA Controller:** 4-channel controller for high-speed data transfers without CPU intervention.
---
## 3. Pinout and Physical Interface
The **416-pin PBGA** package is designed for surface mount technology (SMT). Because it operates with split voltage (1.8V for the core logic and 3.3V for the I/O pins), it requires a robust Power Distribution Network (PDN) on the PCB to prevent signal integrity issues.
### Typical Application Circuit Requirements:
1. **Clocking:** Requires an external crystal or oscillator (typically 33MHz or 66MHz) which is then multiplied internally via an integrated Phase-Locked Loop (PLL).
2. **Termination:** High-speed signals on the SDRAM and PCI buses require proper impedance matching (typically 50-ohm traces).
3. **Reset Logic:** Dedicated hardware reset pins to initialize the internal state machines.
---
## 4. Use Cases
The PPC405GPR-3JB266 is commonly found in:
* **Legacy Networking Gear:** Routers, switches, and firewalls.
* **Industrial Automation:** PLCs (Programmable Logic Controllers) and Human-Machine Interfaces (HMIs).
* **Embedded Storage:** RAID controllers and NAS head units.
- ⤷
What are the power consumption characteristics of the PPC405GPR at 266MHz?
- ⤷ How does the PPC405GPR handle boot-up sequences via the External Bus Controller?
- ⤷ Which modern replacement chips are recommended for migrating away from this end-of-life PowerPC part?