Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PPR20

  • AI
    The **PPR20** (often referring to the **PPR20 series photo-interrupter** or specific **rotary encoders** used in industrial automation) is an electronic component used primarily for sensing position, speed, or distance. Below is a breakdown of its core electronic parts and technical characteristics. ### 1. Core Electronic Architecture The device typically operates as a transmissive optical sensor (photo-interrupter). | Component | Function | Description | | :--- | :--- | :--- | | **Infrared LED** | Transmitter | Emits a beam of infrared light across a sensing gap. | | **Phototransistor** | Receiver | Detects the IR light. When the beam is broken, the transistor switches state. | | **Signal Conditioner** | Processing | An internal IC (often a Schmitt Trigger) that cleans the signal to prevent "jitter." | | **Output Stage** | Interface | Usually an Open Collector (NPN) or Push-Pull output for PLC/MCU integration. | --- ### 2. Technical Specifications While specific brands (like Autonics or Omron) may vary slightly, standard PPR20 components share these electronic traits: * **Supply Voltage ($V_{cc}$):** Typically 5V DC or a wide range of 12-24V DC. * **Resolution:** 20 Pulses Per Revolution (PPR). This means the internal disc has 20 slots to interrupt the light beam. * **Current Consumption:** Usually low, ranging from 10mA to 30mA. * **Response Frequency:** Capable of high-speed switching (often up to 2-5 kHz). --- ### 3. Pinout and Connection Most PPR20 modules utilize a 3-wire or 4-wire interface: | Pin Name | Color (Standard) | Description | | :--- | :--- | :--- | | **VCC** | Brown / Red | Positive Power Supply | | **GND** | Blue / Black | Common Ground | | **OUT** | Black / White | Signal Output (Pulse) | --- ### 4. Circuit Implementation Example To connect a PPR20 to a microcontroller (like an Arduino), you typically need a pull-up resistor if the output is **NPN Open Collector**. ```cpp // Basic Arduino Logic for PPR20 const int sensorPin = 2; // Connected to OUT int pulseCount = 0; void setup() { pinMode(sensorPin, INPUT_PULLUP); // Internal pull-up if NPN attachInterrupt(digitalPinToInterrupt(sensorPin), countPulse, RISING); } void countPulse() { pulseCount++; } ``` --- ### 5. Common Applications * **Motor Speed Control:** Measuring RPM of a DC motor. * **Conveyor Systems:** Counting items as they pass through the IR beam. * **Flow Meters:** Used in liquid measurement where a turbine spins a 20-slot disc.
    ✨ Follow-up Questions
    • What is the difference between an NPN and PNP output for the PPR20?
    • How do I calculate RPM based on the 20 PPR signal?
    • Can the PPR20 be used in outdoor environments with high ambient light?