PR2-RSC3-LV-120AC
AI

## Technical Analysis: PR2-RSC3-LV-120AC Relay Module
The **PR2-RSC3-LV-120AC** is a pre-assembled relay module manufactured by **Phoenix Contact**. It is part of the PR2 series, designed for industrial automation to interface between control controllers (PLCs) and field loads.
### 1. Component Overview
This part is a complete assembly consisting of four primary sub-components:
| Component | Description | Function |
| :--- | :--- | :--- |
| **Relay Base** | PR2-BSC3/4X21 | The socket that mounts to the DIN rail and provides wiring terminals. |
| **Plug-in Relay** | REL-IR2/L-120AC | The actual electromechanical switching element. |
| **Indicator/Suppression Module** | V-120-230UC | A plug-in module providing status LEDs and surge protection. |
| **Retaining Bracket** | EL2-P35 | A plastic clip that locks the relay into the base. |
---
### 2. Electrical Specifications
The internal electronics are optimized for 120V AC control systems.
#### A. Input (Coil Side)
* **Nominal Input Voltage:** 120 V AC
* **Typical Input Current:** ~9 mA (at 60 Hz)
* **Operating Indicator:** Integrated yellow LED.
* **Protection Circuit:** Varistor (protects against voltage spikes when the coil is de-energized).
#### B. Output (Contact Side)
* **Contact Type:** 2 PDT (Double Pole, Double Throw / 2 Changeover contacts).
* **Contact Material:** AgNi (Silver-Nickel), common for general-purpose switching.
* **Maximum Switching Voltage:** 250 V AC/DC.
* **Limiting Continuous Current:** 10 A per contact.
* **Minimum Switching Capacity:** 12 V, 10 mA.
---
### 3. Connection and Wiring
The unit uses **Screw Connections (RSC)**.
| Terminal Label | Function | Type |
| :--- | :--- | :--- |
| **A1 / A2** | Coil Input | 120V AC Power |
| **11 / 21** | Common (COM) | Input power for the load |
| **12 / 22** | Normally Closed (NC) | Output (Conducts when relay is OFF) |
| **14 / 24** | Normally Open (NO) | Output (Conducts when relay is ON) |
---
### 4. Key Electronic Features
1. **Mechanical Intervention:** The relay usually includes a manual test button (often orange for AC units) to toggle the contacts without power for troubleshooting.
2. **Galvanic Isolation:** Provides safe separation between the low-power control side (PLC) and the high-power load side.
3. **Modular Design:** If the contacts wear out, the REL-IR2 plug-in relay can be replaced without disconnecting the field wiring from the base.
---
- ⤷What is the difference between this 2 PDT model and a 4 PDT model in the same series?
- ⤷ Can this relay be used to switch DC loads
- ⤷ and what are the limitations?
- ⤷ What is the life expectancy of the AgNi contacts under full load?