Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PR2MCS

  • AI
    The **PR2MCS** (Power Relay 2-way Module Control System) refers to a specialized electronic control assembly used to manage high-current loads via low-voltage signals. It is commonly found in industrial automation, smart home integration, and robotics. Below is a breakdown of the primary electronic components found within this system. --- ### Core Electronic Components | Component | Function | Technical Role | | :--- | :--- | :--- | | **Electromagnetic Relays** | Switching | Mechanical switches that open/close circuits using an electromagnet. | | **Optocouplers (PC817)** | Isolation | Provides electrical isolation between the control signal and the high-power load to prevent damage. | | **Flyback Diodes** | Protection | Dissipates the voltage spike generated when the relay coil is de-energized. | | **Transistor Driver** | Amplification | Small-signal transistors (like NPN/PNP) used to trigger the relay coil current. | | **Status LEDs** | Feedback | Visual indicators showing whether the relay is active (ON) or inactive (OFF). | | **Terminal Blocks** | Connection | Screw-type connectors for secure wiring of the Power (VCC), Ground (GND), and Signal (IN) lines. | --- ### Technical Specifications and Connectivity The electronics are typically designed to bridge the gap between a Microcontroller (MCU) and high-voltage AC/DC appliances. #### 1. Input/Control Side (Low Voltage) * **Operating Voltage:** Typically 5V or 12V DC. * **Trigger Current:** 5mA to 20mA. * **Logic Level:** Compatible with Arduino (5V), ESP32 (3.3V), or Raspberry Pi (3.3V). #### 2. Output Side (High Voltage) The module acts as a **Single Pole Double Throw (SPDT)** switch with three pins: * **COM (Common):** The moving part of the switch. * **NO (Normally Open):** Connected to COM only when the relay is energized. * **NC (Normally Closed):** Connected to COM by default when the relay is off. --- ### Safety Mechanisms in the Electronics The PR2MCS design incorporates several "Fail-Safe" features: 1. **Galvanic Isolation:** The use of optoisolators ensures that even if the relay fails or short-circuits, the high voltage cannot flow back into the delicate CPU/Microcontroller. 2. **Copper Traces:** The PCB (Printed Circuit Board) usually features "thickened" traces or solder-reinforced paths on the high-current side to handle up to 10A or 15A without overheating. 3. **Active-Low/High Jumper:** Many versions include a jumper that allows the user to select whether a "High" signal or a "Low" signal triggers the relay. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between active-high and active-low triggers in relay modules?
    • ⤷ How do I calculate the power consumption of a PR2MCS module?
    • ⤷ Can a PR2MCS be used to control a 220V AC motor safely?