PS-HD50-R
AI

The **PS-HD50-R** is a high-density, 50-pin SCSI (Small Computer System Interface) connector, typically belonging to the **Half-Pitch (HP50)** or **Micro-DB50** category. These are commonly used in industrial automation, legacy computing, and high-speed data transmission interfaces.
Below is a breakdown of its electronic and physical characteristics.
---
### 1. Technical Specifications
The PS-HD50-R is characterized by its compact pin spacing and robust shielding.
| Parameter | Specification |
| :--- | :--- |
| **Pin Count** | 50 Pins |
| **Pitch (Spacing)** | 1.27mm (0.050") |
| **Connector Type** | High-Density (HD) / Micro-D |
| **Gender** | Female (Receptacle) |
| **Mounting Style** | Right Angle (R), Through-Hole |
| **Shielding** | Metal Shell for EMI/RFI protection |
---
### 2. Key Electronic Components
#### A. Contact Material
The internal pins are usually made of a **Copper Alloy** with **Gold Plating** on the contact area. This ensures:
* Low contact resistance.
* Prevention of oxidation over long periods.
* High durability for multiple mating cycles.
#### B. Insulator Body
The housing is typically made of **PBT (Polybutylene Terephthalate)** or similar high-temperature thermoplastic (UL 94V-0 rated). This provides:
* High dielectric strength (preventing short circuits between pins).
* Heat resistance during the soldering process.
#### C. EMI/RFI Shielding
The "-R" variant often features a metal shroud (Nickel-plated steel or Tin). This acts as a Faraday cage to protect data signals from high-frequency interference, which is critical in industrial environments.
---
### 3. Pinout and Signal Application
While the connector is physical hardware, it is electronically configured for the **SCSI-2** standard.
* **Differential Signaling:** Pins are arranged to support paired signals (Data+ and Data-) to cancel out noise.
* **Termination:** In electronic circuits, these connectors often interface with active terminators to prevent signal reflection at the end of the bus.
* **Current Rating:** Usually rated for **1A per contact**, making it suitable for signal transmission rather than power delivery.
---
### 4. Common Applications
1. **Industrial PLC Modules:** Used for I/O expansion.
2. **Legacy Storage:** Connecting external hard drives or tape backups.
3. **Data Acquisition (DAQ):** High-speed sensor data transmission.
4. **Medical Equipment:** Interfacing imaging sensors with processing units.
- ⤷
What is the maximum data transfer speed supported by this connector type?
- ⤷ How does the 'Right Angle' mounting affect PCB layout compared to straight mounting?
- ⤷ Are there specific soldering temperature requirements for the PS-HD50-R?