Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PS50-48S33

  • AI
    The **PS50-48S33** is a high-performance DC-DC converter module designed for industrial and telecommunications applications. It belongs to a class of power modules that convert a standard high-voltage DC input (usually from a battery string or rectified AC) into a stable, low-voltage DC output. --- ### 1. Key Technical Specifications The model name typically encodes its primary electrical characteristics: | Feature | Specification | | :--- | :--- | | **Input Voltage Range** | 36V to 72V DC (Nominal 48V) | | **Output Voltage** | 3.3V DC | | **Power Rating** | 50 Watts | | **Output Current** | Approx. 15.15 Amps | | **Efficiency** | Typically 85% - 90% | | **Isolation** | Input-to-Output Isolation (usually 1500V DC) | --- ### 2. Internal Electronic Architecture The module consists of several critical stages to ensure power stability and safety: #### A. Input Filter Stage * **Components:** Capacitors and Inductors (LC Filter). * **Function:** Reduces electromagnetic interference (EMI) and protects the internal circuitry from voltage spikes on the 48V bus. #### B. Switching Topology (PWM Control) * **Components:** MOSFETs and a PWM Controller IC. * **Function:** The 48V DC is "chopped" into high-frequency square waves. This allows for high efficiency and the use of a much smaller transformer than traditional linear power supplies. #### C. Isolation Transformer * **Function:** Provides galvanic isolation between the input and the output. This is crucial for safety and noise decoupling in telecommunications equipment. #### D. Rectification & Smoothing * **Components:** Schottky Diodes or Synchronous Rectifiers (MOSFETs) and Output Capacitors. * **Function:** Converts the high-frequency AC back into steady 3.3V DC. Low ESR (Equivalent Series Resistance) capacitors are used to minimize ripple voltage. --- ### 3. Protection Features To prevent damage to the load or the module itself, the PS50-48S33 includes: 1. **Over-Voltage Protection (OVP):** Shuts down if the output exceeds a safe threshold. 2. **Over-Current Protection (OCP):** Limits current to prevent overheating during a short circuit. 3. **Thermal Shutdown:** Turns off the unit if internal temperatures exceed safe operating limits. 4. **Remote On/Off:** A control pin that allows a microcontroller to enable or disable the power supply. --- ### 4. Common Applications * **Telecommunications:** Powering logic boards and DSPs from 48V battery racks. * **Networking:** Providing 3.3V rails for routers and switches. * **Industrial Automation:** Distributed power architectures in factory control systems.
    ✨ Follow-up Questions
    • ⤷What is the typical pinout configuration for this module?
    • ⤷ How do I calculate the heat dissipation requirements for a 50W converter?
    • ⤷ Can this module be connected in parallel for higher current?