PS5022MT101
AI

The **PS5022MT101** refers to a high-current, surface-mount (SMD) power inductor, typically manufactured by companies like Pulse Electronics or similar magnetic component specialists. These parts are critical in power management circuits, specifically for DC-DC converters.
### 1. Technical Specifications
The part number follows a standard nomenclature for power inductors. Below are the typical technical characteristics:
| Property | Value (Typical) |
| :--- | :--- |
| **Inductance** | 100 µH (indicated by "101") |
| **Tolerance** | ±20% (Typical) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
| **Package/Case** | 5022 (Approx. 18.5mm x 15.2mm) |
| **Shielding** | Unshielded or Semi-shielded |
---
### 2. Physical Construction
The PS5022 series is known for its "drum core" or "open" design.
* **Core Material:** Ferrite core, which provides high permeability and low core losses.
* **Winding:** Heavy-gauge copper wire wound around the ferrite bobbin to handle high currents without overheating.
* **Base:** A plastic or ceramic base with flat solder pads for stability during the SMT reflow process.
---
### 3. Key Electronic Functions
In a circuit, the PS5022MT101 serves three primary roles:
1. **Energy Storage:** In switching regulators (Buck/Boost), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle to maintain a steady output voltage.
2. **Filtering:** It acts as a low-pass filter, smoothing out high-frequency ripple current from power supplies to provide "clean" DC power.
3. **Impedance:** It opposes sudden changes in current, protecting sensitive downstream components from spikes.
---
### 4. Common Applications
Due to its high inductance and power handling, this part is frequently found in:
* **Industrial Power Supplies:** For heavy-duty DC-DC conversion.
* **LED Drivers:** To provide constant current to high-brightness LED arrays.
* **Communication Equipment:** In base stations and routers where high efficiency is required.
* **Motherboards:** In the Voltage Regulator Module (VRM) sections of older or specialized computing hardware.
---
- ⤷
What is the maximum current rating (Irated) for the PS5022 series?
- ⤷ How does the '101' in the part number translate to 100 microhenries?
- ⤷ What are the advantages of using a shielded inductor versus this unshielded PS5022 model?