Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PS5022MT103

  • AI
    The **PS5022MT103** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to the PS5022 series, which is known for its high current handling capabilities and low profile. --- ### 1. Key Technical Specifications The part number "103" indicates the inductance value using the standard three-digit code. | Parameter | Specification | | :--- | :--- | | **Inductance** | 10 $\mu$H | | **Tolerance** | ±20% (Standard for this series) | | **DC Resistance (DCR)** | ~0.030 - 0.040 $\Omega$ (Max) | | **Saturation Current ($I_{sat}$)** | ~5.0 - 5.5 Amperes | | **RMS Current ($I_{rms}$)** | ~3.8 - 4.2 Amperes | | **Operating Temperature** | -40°C to +125°C | --- ### 2. Physical Characteristics The "5022" designation typically refers to the physical footprint of the component. * **Mounting Type:** Surface Mount Device (SMD/SMT). * **Core Material:** Ferrite core, which provides high efficiency and low magnetic loss. * **Construction:** Wire-wound with a flat-top design for pick-and-place assembly. * **Shielding:** Usually unshielded (or semi-shielded), which allows for high saturation currents but requires careful PCB placement to avoid EMI interference. --- ### 3. Functional Roles in a Circuit The PS5022MT103 serves several critical roles in power electronics: 1. **Energy Storage:** In switching regulators (Buck/Boost), it stores energy in its magnetic field during the "ON" cycle and releases it during the "OFF" cycle. 2. **Filtering:** It works alongside capacitors to smooth out voltage ripples, converting a pulsed signal into a steady DC voltage. 3. **Current Limiting:** It opposes rapid changes in current, protecting sensitive downstream components from spikes. --- ### 4. Common Applications * **Notebooks and PCs:** Powering CPUs and GPUs. * **DC-DC Converters:** Point-of-Load (POL) modules. * **Telecommunications:** Network routers and base station power supplies. * **Battery Powered Devices:** High-efficiency power management systems. --- ### 5. Identification Code Breakdown ```text PS 5022 M T 103 | | | | | | | | | +-- Inductance Code: 10 + 3 zeros = 10,000nH = 10uH | | | +-- Packaging (Tape & Reel) | | +-- Tolerance (M = ±20%) | +-- Size/Series Code +-- Product Series (Power Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between shielded and unshielded inductors like the PS5022?
    • ⤷ How do I calculate if the saturation current of this inductor is sufficient for my circuit?
    • ⤷ What are the recommended footprint dimensions for soldering a 5022 size component?