PS5022MT332
AI

Based on the part number provided, the **PS5022MT332** typically refers to a **Power Inductor**, specifically a shielded surface-mount (SMD) component often used in power management circuits.
Below is a detailed breakdown of its electronic characteristics and specifications.
### 1. Component Identification
The alphanumeric code provides specific details about the component's physical and electrical properties:
| Part Segment | Meaning | Description |
| :--- | :--- | :--- |
| **PS** | Series/Type | Power Shielded Inductor |
| **5022** | Dimensions | Size footprint (approx. 18.5mm x 15.2mm x 7.1mm) |
| **MT** | Material/Tolerance | Often indicates Manganese-Zinc or Nickel-Zinc core / +/- 20% tolerance |
| **332** | Inductance Value | 3300 µH (3.3 mH) |
---
### 2. Key Technical Specifications
While exact values can vary slightly by manufacturer (such as Sumida or Bourns style equivalents), the standard specs for a 332-coded 5022 inductor are:
* **Inductance:** 3300 µH (3.3 mH).
* **Tolerance:** ±20% (standard for power inductors).
* **DCR (DC Resistance):** Usually high for this inductance value (typically between 1.5Ω to 2.5Ω).
* **Rated Current (Isat/Irms):** Typically ranges from **0.20A to 0.40A**.
* **Operating Temperature:** Generally -40°C to +125°C.
---
### 3. Structural Design
The "5022" series is known for a specific "Flat-top" or "Drum core" construction:
1. **Core Material:** Ferrite core which provides high permeability and low core losses.
2. **Shielding:** It is a **shielded** inductor, meaning it is encased in a magnetic material to minimize Electromagnetic Interference (EMI) with surrounding components.
3. **Base:** Features a plastic or ceramic base with large solder pads to handle mechanical stress and heat.
---
### 4. Common Applications
Due to the high inductance value (3300 µH), this part is not typically used for high-speed CPU switching, but rather for:
* **DC-DC Converters:** Providing steady current in voltage regulation modules.
* **Power Supplies:** Filtering AC noise in industrial power bricks.
* **EMI Suppression:** Acts as a choke to block high-frequency noise in communication equipment.
* **LED Drivers:** Used in circuits requiring stable current over time.
---
### 5. Circuit Symbol and Footprint
```mermaid
graph LR
A[Terminal 1] --- L((Inductor)) --- B[Terminal 2]
```
*The component is non-polarized, meaning it can be soldered in either direction.*
---
- ⤷
What are the exact physical dimensions of the 5022 footprint?
- ⤷ How does the '332' code translate to microhenries versus millihenries?
- ⤷ What are the typical alternatives if the PS5022MT332 is out of stock?