Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PS86-2

  • AI
    The **PS86-2** typically refers to a high-precision, media-isolated piezoresistive pressure sensor or a specific series of pressure transducers often used in industrial and hydraulic applications. Below is a breakdown of the electronic components and technical specifications associated with this type of device. --- ### 1. Core Electronic Components The PS86-2 is an integrated system-on-chip (SoC) or a modular assembly consisting of the following parts: | Component | Function | | :--- | :--- | | **Piezoresistive Die** | The primary sensing element (usually Silicon) that changes resistance when mechanical pressure is applied. | | **Signal Conditioner (ASIC)** | An Application-Specific Integrated Circuit that amplifies the micro-volt signals from the sensor die. | | **EEPROM** | Internal memory used to store calibration coefficients and temperature compensation data. | | **Temperature Sensor** | An onboard thermistor or diode used to correct thermal drift in the pressure readings. | | **EMC Protection** | Capacitors and transient voltage suppressors (TVS) to protect against electrical noise and surges. | --- ### 2. Technical Specifications Most PS86-2 modules operate within the following electrical parameters: * **Supply Voltage:** Typically 5.0V DC (Ratiometric) or 10-30V DC (Regulated). * **Output Signal:** Usually 0.5V to 4.5V (Analog) or $I^2C$ / SPI (Digital). * **Current Consumption:** Low power, generally $< 5$ mA. * **Insulation Resistance:** $> 100$ MΩ at 500V DC. --- ### 3. Pinout and Connection Interface The electronic interface usually follows a standard 4-pin or 5-pin configuration. ```yaml Pin Configuration (Standard Analog): 1. VCC (Power Supply +) 2. GND (Ground -) 3. OUT (Signal Output) 4. Case/Shield (Optional) ``` --- ### 4. Measurement Principle 1. **Pressure Input:** Liquid or gas exerts force on a stainless steel diaphragm. 2. **Oil Fill:** Silicone oil transfers that pressure to the internal **Piezoresistive Die**. 3. **Wheatstone Bridge:** The die contains a bridge circuit; pressure unbalances the bridge, creating a differential voltage. 4. **Digitization/Amplification:** The **ASIC** converts this raw voltage into a linearized, temperature-compensated output (Analog or Digital).
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the digital version of PS86-2?
    • ⤷ How does the media isolation diaphragm protect the electronic parts?
    • ⤷ What is the maximum pressure range supported by the PS86 series?