PS8601
AI

### Overview of the PS8601 High-Speed Photocoupler
The **PS8601** is a high-speed, optically coupled isolator (photocoupler) containing a GaAlAs LED on the light-emitting side and a PN photodiode with a high-speed amplifier transistor on the output side. It is designed specifically for high-speed logic interface applications.
---
### Key Technical Specifications
| Parameter | Value/Description |
| :--- | :--- |
| **Data Rate** | Typically 1 Mbps |
| **High Common Mode Rejection** | 15 kV/µs (min) |
| **Isolation Voltage** | 5000 Vrms |
| **Package Type** | 8-pin DIP (available in Gull-wing for surface mount) |
| **Output Type** | Open Collector |
| **Propagation Delay** | $t_{PHL} / t_{PLH} \approx 0.8 \mu s$ |
---
### Internal Structure and Pinout
The PS8601 features a decoupled photodiode and transistor stage to reduce the base-collector capacitance, which allows for significantly faster switching speeds compared to standard phototransistor couplers.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connection |
| 2 | Anode | LED Anode |
| 3 | Cathode | LED Cathode |
| 4 | NC | No Connection |
| 5 | GND | Ground (Output Side) |
| 6 | $V_{O}$ | Output (Open Collector) |
| 7 | $V_{B}$ | Base (Access to transistor base) |
| 8 | $V_{CC}$ | Supply Voltage |
---
### Operating Principles
1. **Input Side:** When current flows through the GaAlAs LED (Pins 2 and 3), it emits infrared light.
2. **Isolation Gap:** The light crosses an internal insulation barrier, providing electrical isolation up to 5000 Vrms.
3. **Output Side:** The light hits the photodiode. The resulting current is amplified by the integrated high-speed transistor. Because it is an **Open Collector** output, an external pull-up resistor is required to define the "High" logic level.
4. **Speed Optimization:** By providing access to the base (Pin 7), users can sometimes add a depletion resistor to further decrease switching time, though it is often left unconnected for standard high-gain operation.
---
### Common Applications
* **Computer and Peripheral Interfaces:** Isolation for high-speed data buses.
* **Industrial Controls:** Eliminating ground loops in PLC (Programmable Logic Controller) systems.
* **Power Inverter:** Gate driving circuits where high common-mode noise rejection is critical.
* **Line Receivers:** Protecting sensitive digital circuitry from long-cable noise.
---
### Circuit Design Considerations
```c
// Typical Connection Logic
Input Current (I_F): Typically 16mA for reliable switching.
Pull-up Resistor (R_L): Usually between 1.1kΩ and 4.7kΩ depending on Vcc.
Bypass Capacitor: A 0.1µF ceramic capacitor between Pin 8 (Vcc) and Pin 5 (GND) is highly recommended.
```
- ⤷
What are the main differences between the PS8601 and the PS8602?
- ⤷ How does the 'Open Collector' output affect the circuit design?
- ⤷ Can you explain the importance of the 15 kV/µs Common Mode Rejection (CMR)?