Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PS8601L

  • AI
    ### Overview of the PS8601L The **PS8601L** is a high-speed, optically coupled isolator (optocoupler) containing a GaAlAs LED on the light-emitting side and a photodiode with a signal processing circuit on the light-receiving side. It is designed for high-speed communication and electrical isolation in demanding environments. --- ### Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the PS8601L: | Parameter | Specification | Note | |:---|:---|:---| | **Data Rate** | 1 Mbps (Typical) | High-speed response | | **Isolation Voltage** | 5,000 Vrms | High safety barrier | | **Common Mode Rejection** | 15 kV/µs | High immunity to noise | | **Package Type** | 8-pin DIP / Gull-wing | "L" suffix denotes surface mount | | **Operating Temperature** | -55°C to +100°C | Industrial grade | | **Output Type** | Open Collector | Requires external pull-up resistor | --- ### Internal Structure and Pinout The device utilizes a **Faraday shield** on the detector chip to provide high common-mode transient immunity (CMR), which is essential for protecting logic circuits from high-voltage spikes. #### Pin Configuration 1. **NC**: No Connection 2. **Anode**: LED input (+) 3. **Cathode**: LED input (-) 4. **NC**: No Connection 5. **GND**: Receiver ground 6. **$V_O$**: Output (Open Collector) 7. **NC**: No Connection 8. **$V_{CC}$**: Supply Voltage (Typically 4.5V to 15V) --- ### Application Circuit Example Since the PS8601L features an **open collector output**, it must be used with a pull-up resistor ($R_L$) to define the logic "High" state. ```cpp // Logic Representation // Input LED ON -> Output Transistor ON -> Vo = Low (GND) // Input LED OFF -> Output Transistor OFF -> Vo = High (Vcc via Pull-up) ``` --- ### Major Use Cases * **Interface for Measurement Equipment:** Protecting sensitive ADC/DAC circuits from high-voltage sensors. * **Computer and Peripheral Interfaces:** High-speed data transmission between isolated systems. * **Industrial Inverters:** Used for driving IPMs (Intelligent Power Modules) or sensing high-side currents. * **Power Supply Isolation:** Feedback loops in switching power supplies. ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the PS8601 and the PS8601L versions?
    • ⤷ What is the recommended value for the output pull-up resistor RL?
    • ⤷ How does the Common Mode Rejection (CMR) rating affect its performance in noisy environments?