PS8601L2
AI

## Overview of the PS8601L2
The **PS8601L2** is a high-speed, optically coupled isolator (optocoupler) manufactured by Renesas Electronics (formerly NEC). It consists of a GaAlAs light-emitting diode (LED) on the input side and a high-speed photodiode with a signal processing circuit on the output side.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Type** | High-Speed Analog/Digital Output Optocoupler |
| **Data Rate** | 10 Mbps (Typical) |
| **Package Type** | 8-pin DIP (L2 leads refer to wide lead spacing for surface mounting) |
| **Propagation Delay** | $t_{PHL}, t_{PLH} \leq 0.8 \mu s$ |
| **Common Mode Rejection** | 15 kV/$\mu$s (High CMR) |
| **Isolation Voltage** | 5000 Vrms |
| **Supply Voltage ($V_{CC}$)** | 4.5V to 15V |
---
### Internal Structure and Operation
The PS8601L2 is designed for applications where high-speed data transmission and electrical isolation are required. Unlike standard transistors, the output stage uses a **Totem Pole** or high-speed collector design to minimize delay.
1. **Input Side:** An infrared LED converts electrical pulses into light signals.
2. **Isolation Barrier:** A silicone resin layer provides high-voltage insulation between input and output.
3. **Output Side:** An integrated photodetector and amplifier convert the light back into an electrical signal while rejecting common-mode noise.
---
### Common Applications
* **Computer Peripherals:** High-speed data links between isolated systems.
* **Industrial Equipment:** Used in Programmable Logic Controllers (PLCs) and factory automation.
* **Power Supplies:** Feedback loops in switching regulators to maintain isolation between primary and secondary circuits.
* **IPM Drivers:** Interfacing with Intelligent Power Modules where high noise immunity (CMR) is critical.
---
### Pin Configuration
```text
Pin 1: NC (No Connection)
Pin 2: Anode (LED)
Pin 3: Cathode (LED)
Pin 4: NC
Pin 5: GND (Output Side)
Pin 6: VO (Output Voltage)
Pin 7: NC
Pin 8: VCC (Supply Voltage)
```
- ⤷
What is the difference between the PS8601 and the PS8601L2 variant?
- ⤷ Can the PS8601L2 be used for PWM signal isolation in motor drives?
- ⤷ What are the thermal considerations when operating the PS8601L2 at its maximum 15V supply?