PS87-503P-H-R2
AI

The **PS87-503P-H-R2** is a high-performance, integrated pressure switch/sensor manufactured by Nidec Components (formerly Copal Electronics). It is designed for high-vacuum and high-pressure industrial applications, specifically within the semiconductor and gas handling industries.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Pressure Range** | -0.1 to 5.0 MPa (Gauge Pressure) |
| **Output Type** | 2 NPN Open Collector Transistor Outputs |
| **Analog Output** | 1 to 5 V DC |
| **Power Supply** | 12 to 24 V DC ±10% |
| **Current Consumption** | ≤ 30 mA |
| **Accuracy** | ±1.0% F.S. (Full Scale) |
| **Operating Temp** | -10°C to 60°C |
---
### 2. Electronic Component Breakdown
The device functions as a mechatronic system consisting of several internal stages:
#### A. Sensing Element (Pressure Transducer)
The heart of the unit is a **diffused-type silicon diaphragm**. This semiconductor-based sensor utilizes the piezoresistive effect: when pressure is applied, the electrical resistance of the silicon changes proportionally.
#### B. Signal Conditioning Circuit
* **Amplifier:** The raw millivolt signal from the diaphragm is amplified to a usable 1-5V analog range.
* **Temperature Compensation:** Internal circuitry corrects for thermal drift to ensure accuracy remains stable across the -10°C to 60°C range.
#### C. Switching Logic (NPN Outputs)
The "P" in the part number indicates the switching functionality.
* It features **two independent NPN open collector outputs**.
* These act as electronic switches that pull the load to the ground (0V) when the set pressure threshold is reached.
* **Hysteresis Mode:** This allows the user to set "on" and "off" points to prevent rapid flickering (chatter) near the setpoint.
#### D. Connection Interface
* **H:** Represents the specific electrical connection style (typically a specialized connector or lead wire configuration).
* **R2:** Refers to the pressure port fitting (specifically a **1/4 VCR type** fitting), which is a standard in high-purity gas delivery systems.
---
### 3. Part Number Decoder
Understanding the specific nomenclature helps in identifying electronic behavior:
* **PS87:** Series name (Thin-film/Diffused pressure switches).
* **503:** Pressure range code (503 = 5.0 MPa).
* **P:** Denotes Gauge pressure measurement.
* **H:** High-reliability/Specific lead wire type.
* **R2:** Mechanical interface (1/4 VCR).
---
### 4. Typical Application Circuit
To interface this with a PLC or Microcontroller, the following wiring logic is used:
```markdown
[Power Supply (+)] ----> Red Wire (12-24V)
[Load/PLC Input] ----> White/Black Wires (NPN Outputs)
[Common Ground] ----> Blue Wire (0V)
[Analog Input] ----> Green Wire (1-5V Signal)
```
- ⤷
What is the difference between NPN and PNP outputs in these sensors?
- ⤷ Can this sensor be used with corrosive gases?
- ⤷ How do I calibrate the analog output to a specific PLC range?