PSA05R-050-R
AI

The **PSA05R-050-R** is a 5W wall-mount AC/DC adapter manufactured by **Phihong**. It is widely used for powering small consumer electronics, network devices, and peripherals.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical characteristics of the device:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 90V AC to 264V AC (Universal) |
| **Output Voltage** | 5V DC |
| **Output Current** | 1.0 A (1000mA) |
| **Output Power** | 5 Watts |
| **DC Connector** | 2.1mm x 5.5mm (Center Positive) |
| **Efficiency** | Level V or VI (Energy Star compliant) |
| **Input Frequency** | 47Hz to 63Hz |
---
### 2. Internal Electronic Components & Design
The PSA05R-050-R is a **Switch Mode Power Supply (SMPS)**. Its internal architecture consists of several critical electronic stages:
#### A. Input Stage (AC Side)
* **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage.
* **Filter Capacitor:** A high-voltage electrolytic capacitor that smooths the pulsating DC into a stable high-voltage DC bus (approx. 300V-400V).
* **Protection Circuitry:** Includes an internal fuse and often a Thermistor or MOV (Metal Oxide Varistor) to protect against overcurrent and voltage spikes.
#### B. Switching & Transformation
* **PWM Controller IC:** The "brain" of the unit. It switches a high-voltage MOSFET on and off at high frequencies (typically 50kHz to 100kHz).
* **Switching Transformer:** A high-frequency ferrite core transformer that provides **galvanic isolation** between the high-voltage AC side and the low-voltage DC side.
#### C. Output Stage (DC Side)
* **Schottky Diode:** Rectifies the high-frequency AC from the transformer back into DC.
* **Output Filter (LC Filter):** Uses low-ESR capacitors and sometimes an inductor to reduce "ripple" (voltage noise) to ensure the 5V output is steady.
* **Feedback Loop:** Uses an **Optocoupler** to send a signal back to the PWM controller. This ensures that even if the load changes, the voltage stays exactly at 5V.
---
### 3. Safety and Physical Features
* **Interchangeable Plugs:** The "R" in the part number often signifies that the unit uses interchangeable AC clips (US, UK, EU, AU), making it suitable for global travel.
* **Protections:**
* **Short Circuit Protection:** The unit shuts down safely if the output wires touch.
* **Over-Voltage Protection:** Prevents the device from outputting more than 5V in case of a component failure.
* **Over-Current Protection:** Limits output to prevent overheating.
---
- ⤷
What are the compatible AC plug types for the PSA05R series?
- ⤷ How does an SMPS differ from a linear power supply in terms of efficiency?
- ⤷ Can this adapter be used to power a Raspberry Pi?