PSA05R-090-R
AI

## Overview of the PSA05R-090-R
The **PSA05R-090-R** is a specialized AC/DC wall adapter manufactured by **Phihong**. It is part of the PSA05R series, designed for international versatility through interchangeable input prongs. This specific model provides a regulated 9V DC output.
---
### Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Output Voltage** | 9V DC |
| **Output Current** | 0.56A (560mA) |
| **Power Rating** | 5 Watts |
| **Input Voltage Range** | 90 ~ 264 VAC (Universal) |
| **Input Frequency** | 47 ~ 63 Hz |
| **DC Connector Size** | 2.1mm x 5.5mm (Center Positive) |
| **Efficiency Level** | Level VI |
---
### Core Electronic Components & Features
The device utilizes a **Switching Mode Power Supply (SMPS)** architecture. Below are the key electronic aspects of its design:
#### 1. Input Rectification and Filtering
* **Bridge Rectifier:** Converts the AC input into a high-voltage DC signal.
* **Filter Capacitors:** Smooth the rectified DC to provide a stable high-voltage rail for the switching circuit.
#### 2. Power Conversion (Switching)
* **PWM Controller IC:** Regulates the output by adjusting the duty cycle of the high-frequency switching transistor (usually a MOSFET).
* **Isolation Transformer:** Steps down the high-voltage DC to the required 9V level while providing galvanic isolation between the AC mains and the DC output for safety.
#### 3. Output Regulation
* **Schottky Diode:** Rectifies the high-frequency AC coming from the transformer back into DC.
* **Output Capacitors:** Lower the ripple voltage to ensure a clean 9V signal.
* **Optoisolator:** Provides feedback from the output side back to the PWM controller on the input side, maintaining constant voltage even as the load changes.
---
### Safety and Compliance
The "R" suffix often denotes specific regulatory compliance or RoHS (Restriction of Hazardous Substances) status. This unit typically features:
* **Short Circuit Protection:** Prevents damage if the output leads are crossed.
* **Over-Voltage Protection:** Shuts down if internal components fail to prevent damaging the connected device.
* **Interchangeable AC Clips:** Allows the use of US, UK, EU, or AU prongs (sold separately).
---
### Connector Schematic
The standard DC barrel plug used on this model follows the convention below:
```text
Outside (Sleeve): Negative (-)
Inside (Tip/Center): Positive (+)
Size: 2.1mm ID / 5.5mm OD
```
- ⤷
What are the compatible AC prong clips for the Phihong PSA05R series?
- ⤷ Can this power supply be used for devices requiring less than 0.56A?
- ⤷ How does Efficiency Level VI impact power consumption compared to older models?