Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PSCSSOBXO

  • AI
    It appears you are referring to the **PCSO (Programmable Crystal Oscillator)** or **SOIC/SSOP** packaged crystal oscillators. Based on your query, I will explain the core electronic components and architecture of **Programmable Crystal Oscillators** in a standard **SOIC/SSOP** (Small Outline) package. --- ## 1. Core Internal Components A Programmable Crystal Oscillator (PXO) is not just a crystal; it is an integrated circuit (IC) combined with a resonator. | Component | Function | | :--- | :--- | | **Quartz Resonator** | The mechanical vibrating element that provides the base reference frequency. | | **PLL (Phase-Locked Loop)** | The "engine" that multiplies or divides the base frequency to achieve the specific output desired. | | **OTP/EEPROM Memory** | Stores the configuration data (multipliers, drive strength, and output frequency). | | **Output Buffer** | Amplifies the signal to drive external loads (CMOS, LVPECL, LVDS). | | **Voltage Regulator** | Internally stabilizes the power supply to reduce jitter. | --- ## 2. Technical Architecture The electronic operation follows a specific signal path to ensure stability and precision: 1. **Oscillation Stage:** The internal quartz blank vibrates at a fixed fundamental frequency (e.g., 25MHz). 2. **Frequency Synthesis:** The **PLL** reads the programmed parameters from the internal memory and converts the fundamental frequency to the user-specified frequency (e.g., 148.5MHz). 3. **Compensation:** Internal capacitors are adjusted electronically to trim the frequency and compensate for temperature drift. 4. **Output Stage:** The signal is formatted into the required logic level. --- ## 3. Package Types (SOIC / SSOP) These devices are typically housed in small-outline packages to save PCB space. ### Common Pin Configurations | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OE / ST** | Output Enable or Standby (Logic High/Low) | | 2 | **NC / DNC** | No Connect (sometimes used for programming) | | 3 | **GND** | Circuit Ground | | 4 | **OUT** | Frequency Output Signal | | 5 | **NC** | No Connect | | 6 | **VDD** | Power Supply (typically 1.8V, 2.5V, or 3.3V) | --- ## 4. Key Advantages * **Availability:** Can be programmed to any frequency in seconds, avoiding long lead times for custom crystals. * **Jitter Performance:** Modern high-end PXOs offer sub-picosecond jitter, suitable for networking. * **Flexibility:** A single hardware part number can be used for multiple designs by simply changing the firmware/code.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a standard XO and a programmable PXO?
    • ⤷ How does the PLL impact the phase noise of these components?
    • ⤷ What are the typical soldering requirements for SOIC-packaged oscillators?