Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • PSCSSSB3O

  • AI
    It appears you are referring to the **PSC-SSS-B30**, which is a high-performance **Programmable Digital Solid State Sensor** (often associated with industrial automation or infrared temperature measurement). Below is a breakdown of the electronic components and technical specifications typically found in this class of device. --- ### 1. Core Electronic Components The device is a sophisticated integration of optical, analog, and digital electronics. | Component Category | Description | | :--- | :--- | | **Infrared Detector** | A thermopile or pyroelectric sensor that converts incoming IR radiation into a micro-voltage signal. | | **Microprocessor (MCU)** | An onboard digital signal processor (DSP) that handles linearizing, compensation, and digital filtering. | | **Signal Amplifier** | High-precision operational amplifiers that boost the low-level signal from the IR detector. | | **A/D Converter** | High-resolution Analog-to-Digital converter (typically 16-bit or higher) to digitize the thermal data. | | **Output Stage** | Specialized circuitry to provide 4-20mA, 0-10V, or digital (RS-485/Modbus) communication. | ### 2. Technical Specifications The "B30" series usually denotes specific temperature ranges and optical resolutions. * **Spectral Range:** Usually 8 to 14 µm (general purpose) or 1.0 to 1.6 µm (for metals). * **Response Time:** Rapid response, often as low as **10ms to 30ms**. * **Emissivity Adjustment:** Digital adjustment from 0.100 to 1.000 via the rear panel or software. * **Input Voltage:** Typically operates on **24V DC**. ### 3. Connection and Wiring Most units use a circular M12 or similar industrial connector. ```yaml Pin Configuration (Standard Example): - Pin 1: +24V Power Supply (Brown) - Pin 2: 4-20mA Output / Signal (+) (White) - Pin 3: 0V / Ground (Blue) - Pin 4: Digital Communication A (Black) - Pin 5: Digital Communication B (Grey) ``` --- ### 4. Key Features for Integration 1. **Laser Sighting:** Integrated electronic laser drivers to assist in aligning the sensor with the target. 2. **Digital Interface:** Often features an integrated LCD or LED display on the rear for real-time parameter configuration. 3. **Isolation:** Opto-isolated outputs to prevent ground loops in industrial environments.
    ✨ Follow-up Questions
    • ⤷ What are the specific temperature range limits for the PSC-SSS-B30 model?
    • ⤷ How do I configure the emissivity settings using the digital interface?
    • ⤷ Is this sensor compatible with standard PLC Modbus protocols?