PT01F10-6P-R
AI

## Electronic Specifications: PT01F10-6P-R
The **PT01F10-6P-R** is a high-reliability industrial and military-grade cylindrical connector belonging to the **MIL-DTL-26482 Series I** family. It is produced by manufacturers like Amphenol and is primarily used in aerospace, communication, and industrial automation.
---
### 1. Part Number Breakdown
Understanding the suffix codes is essential for identifying the specific electrical and mechanical configuration:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | PT | Miniature Cylindrical Connector |
| **Shell Style** | 01 | In-line Receptacle (Used for cable-to-cable connections) |
| **Service Class** | F | Grommet seal with strain relief clamp |
| **Shell Size** | 10 | The diameter size of the housing |
| **Insert Config** | 6P | 6 Pin (Male) contacts |
| **Contact Style** | R | RoHS compliant version (Environmentally friendly) |
---
### 2. Technical Specifications
These are the core electrical and mechanical limits for the PT01F10-6P-R:
* **Number of Contacts:** 6
* **Contact Size:** #20 (Standard)
* **Current Rating:** 7.5 Amps per contact
* **Operating Voltage:** 600 VAC (RMS) at sea level (Service Rating I)
* **Insulation Resistance:** 5,000 Megohms minimum
* **Operating Temperature:** -55°C to +125°C
* **Mating Cycles:** 500 minimum
---
### 3. Key Electronic Features
#### A. Contact Material & Plating
The pins are typically made of a **copper alloy** with **gold over nickel plating**. This ensures low contact resistance and prevents oxidation over long-term use in harsh environments.
#### B. In-line Receptacle Design
Unlike wall-mounted connectors, the `01` style is an **in-line receptacle**. This means it is designed to be attached to the end of a cable to act as a "moving" extension socket, rather than being fixed to a panel.
#### C. Environmental Protection (Class F)
The "F" class includes a **cable clamp** and a **neoprene grommet**. Electrically, this is vital because it provides:
* **Strain Relief:** Prevents the wires from being pulled out of the solder joints.
* **Moisture Sealing:** Protects the internal pins from short circuits caused by humidity or liquid ingress.
---
### 4. Typical Applications
* **Industrial Sensors:** Reliable transmission of data and power signals.
* **Military Communications:** Used in tactical radios and field equipment.
* **Medical Electronics:** Diagnostic equipment requiring high-cycle durability.
* **Robotics:** Power and control signal routing in articulated arms.
- ⤷
What are the specific soldering requirements for the #20 contacts in this connector?
- ⤷ How does the 'Service Rating I' voltage limit change at high altitudes?
- ⤷ Are there female socket equivalents for the PT01F10-6P-R to create a mated pair?