PT06F8-4S-R
AI

The **PT06F8-4S-R** is a high-reliability, miniature cylindrical connector typically used in military, aerospace, and industrial applications. It belongs to the **MIL-DTL-26482 Series I** family, known for its bayonet coupling mechanism and high density.
---
### ## Technical Specifications Breakdown
The part number follows a specific nomenclature that defines its physical and electrical characteristics:
| Component | Code | Description |
| :--- | :--- | :--- |
| **Series** | PT | Standard miniature bayonet coupling connector |
| **Shell Style** | 06 | Straight plug (the male-shaped housing that mates with a receptacle) |
| **Service Class** | F | Includes a strain relief cable clamp and is grommet sealed |
| **Shell Size** | 8 | The diameter size of the connector housing |
| **Insert Config** | 4S | 4 contacts in a female (Socket) configuration |
| **Modification** | R | Environmental resistant / RoHS compliant (context dependent) |
---
### ## Key Electronic & Physical Features
### 1. Contact Configuration
* **Number of Contacts:** 4
* **Contact Gender:** Female (Socket)
* **Contact Termination:** Typically Solder (standard for PT series), designed for permanent, low-resistance connections.
### 2. Electrical Ratings
* **Operating Voltage:** Generally rated for **600V AC (RMS)** at sea level (Service Rating I).
* **Current Rating:** Approximately **7.5 Amps** per contact (depending on wire gauge, usually 20 AWG).
* **Insulation Resistance:** 5,000 Megohms minimum.
### 3. Mechanical & Environmental
* **Coupling:** 3-point bayonet lock system allows for quick "turn and click" mating, ensuring it won't vibrate loose.
* **Durability:** Minimum of 500 mating cycles.
* **Shell Material:** Aluminum alloy with high-grade plating (usually Olive Drab Cadmium or Nickel).
* **Sealing:** The "F" class designates a moisture-resistant seal provided by a backshell with a cable clamp.
---
### ## Applications
Because of its rugged construction, the PT06F8-4S-R is commonly found in:
* **Industrial Automation:** Sensor connections and motor controls.
* **Aerospace:** Cockpit instrumentation and non-critical power systems.
* **Medical Equipment:** High-reliability diagnostic machinery.
* **Telecommunications:** Ruggedized field gear.
---
- ⤷
What are the compatible mating receptacles for the PT06F8-4S-R?
- ⤷ How does the 'F' service class differ from the 'E' or 'A' classes in this series?
- ⤷ What is the recommended wire gauge for the solder contacts in this connector?