PTPH-15A-R
AI

The **PTPH-15A-R** is a specific electronic component within the category of **High-Current Power Terminals** or **Busbar Connectors**. These parts are designed to facilitate high-amperage connections between power cables and printed circuit boards (PCBs) or busbars.
---
### 1. Key Technical Specifications
Below are the typical technical parameters for the PTPH series (specifically the 15A rated variant):
| Parameter | Specification |
| :--- | :--- |
| **Current Rating** | 15 Amperes (Continuous) |
| **Material** | Brass or Copper Alloy |
| **Plating** | Tin (Sn) over Nickel (Ni) |
| **Mounting Type** | Through-Hole (PTH) / Screw Mount |
| **Termination** | Threaded (usually M3 or M4) |
| **Orientation** | Vertical / Straight |
---
### 2. Functional Anatomy
The PTPH-15A-R consists of three primary functional zones:
#### A. The Threaded Head
The "R" in the part number often signifies a **threaded nut or stud** configuration. This allows a ring terminal (lug) from a heavy-gauge wire to be bolted directly to the component, ensuring a low-resistance mechanical and electrical bond.
#### B. The Pin Array (Footprint)
Unlike standard signal pins, high-current terminals use multiple thick pins to distribute the 15A load across the PCB copper planes. This prevents local overheating (hot spots) and reduces the risk of delaminating the board traces.
#### C. Plating and Conductivity
The tin plating is crucial for:
* **Solderability:** Ensuring a strong bond during wave or manual soldering.
* **Corrosion Resistance:** Preventing oxidation in industrial environments.
---
### 3. Applications
These parts are commonly found in power distribution systems where high reliability is required:
1. **Industrial Power Supplies:** Connecting DC output to external loads.
2. **Motor Controllers:** Handling the high surge currents required for motor startup.
3. **Battery Management Systems (BMS):** Serving as the main tap point for battery packs.
4. **Solar Inverters:** Interfacing the high-current DC bus with the housing connectors.
---
### 4. Installation Best Practices
```markdown
1. Trace Width: Ensure the PCB copper weight (e.g., 2oz or 3oz) and trace width are
sufficient to carry 15A without exceeding temperature limits.
2. Torque: When fastening the screw/bolt, use a calibrated torque driver to avoid
stripping the internal threads.
3. Thermal Relief: Use solid copper pours rather than thermal relief patterns to
maximize heat dissipation.
```
- ⤷
What is the maximum operating temperature for the PTPH-15A-R?
- ⤷ Are there surface-mount (SMD) versions of this high-current terminal?
- ⤷ What size screw is compatible with the PTPH-15A-R threading?