PTPH-1GG-R/Q
AI

The **PTPH-1GG-R/Q** is a high-performance **Step-Down (Buck) Voltage Regulator** module typically used in industrial and telecommunications applications. It belongs to a class of non-isolated point-of-load (POL) converters designed to provide stable DC power to sensitive electronics like FPGAs and microprocessors.
---
### 1. Technical Specifications
Below are the primary electronic characteristics of the PTPH-1GG series:
| Parameter | Typical Value | Unit |
| :--- | :--- | :--- |
| **Input Voltage Range** | 4.5 – 14.0 | VDC |
| **Output Voltage Range** | 0.59 – 5.1 | VDC |
| **Maximum Output Current** | 12.0 | A |
| **Efficiency** | Up to 94% | % |
| **Switching Frequency** | 600 (Fixed/Programmable) | kHz |
| **Package Style** | SMD (Surface Mount Device) | - |
---
### 2. Key Electronic Components & Features
The module integrates several discrete electronic parts into a single compact package to simplify PCB design:
* **Integrated Power MOSFETs:** The internal high-side and low-side FETs are optimized for low $R_{DS(on)}$ to minimize heat generation.
* **Precision Inductor:** A high-quality power inductor is embedded inside the module to provide energy storage and current smoothing.
* **PMBus Interface (The "/Q" Variant):** The "Q" suffix usually denotes digital communication capabilities. This allows for:
* Digital programming of output voltage.
* Real-time monitoring of current, voltage, and temperature.
* Fault logging and status reporting.
* **Feedback Network:** Includes internal compensation circuitry to ensure the power loop remains stable even under fast load transients (sudden changes in current demand).
---
### 3. Pin Functionality
While the pinout is proprietary to the manufacturer (often associated with brands like GE Critical Power or OmniOn), the common electronic pin groups include:
1. **VIN / GND:** Power input pins.
2. **VOUT / GND:** Regulated output pins.
3. **TRIM:** A resistor-programmable pin used to set the output voltage level.
4. **PGOOD:** Power Good signal (Open-drain output that indicates if the voltage is within range).
5. **ENABLE/ON/OFF:** A logic-level input to turn the module on or off remotely.
6. **ADDR/DATA/CLK:** Used for PMBus digital communication (if applicable).
---
### 4. Implementation Example
When integrating this part into a circuit, external capacitors are required to minimize ripple.
```cpp
// Typical Hardware Integration Checklist:
1. Input Capacitance: ~22uF Ceramic + 100uF Electrolytic
2. Output Capacitance: Dependent on ripple requirements (e.g., 2x 47uF Ceramic)
3. Programming Resistor (Rtrim): Connected between TRIM pin and GND
4. Thermal Via Design: Ensure large copper planes for heat dissipation
```
---
- ⤷
What is the exact resistance formula for setting the output voltage on the PTPH series?
- ⤷ What are the specific differences between the 'R' and 'Q' suffixes regarding PMBus support?
- ⤷ What is the recommended layout strategy for the ground plane to minimize noise?